データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7WZ02FK データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TC7WZ02FK
部品情報  CMOS Digital Integrated Circuit Silicon Monolithic Dual 2 Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ02FK データシート(HTML) 2 Page - Toshiba Semiconductor

  TC7WZ02FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ02FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ02FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ02FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ02FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ02FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ02FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7WZ02FU/FK
2007-11-01
2
Truth Table
Logic Diagram
A
B
Y
L
L
H
L
H
L
H
L
L
H
H
L
Operating Ranges
Characteristics
Symbol
Rating
Unit
1.65~5.5
Supply voltage
VCC
1.5~5.5
(Note 1)
V
Input voltage
VIN
0~5.5
V
0~5.5
(Note 2)
Output voltage
VOUT
0~VCC
(Note 3)
V
Operating temperature
Topr
−40~85
°C
0~20 (VCC = 1.8 V ± 0.15 V,
2.5 V
± 0.2 V)
0~10 (VCC = 3.3 V ± 0.3 V)
Input rise and fall time
dt/dv
0~5 (VCC = 5.5 V ± 0.5 V)
ns/V
Note 1: Data retention only
Note 2: VCC = 0 V
Note 3: High or low state
> 1
OUT Y
IN B
IN A


同様の部品番号 - TC7WZ02FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7WZ00FK TOSHIBA-TC7WZ00FK Datasheet
141Kb / 7P
   2 Input Nand Gate
TC7WZ00FK TOSHIBA-TC7WZ00FK_09 Datasheet
200Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ00FU TOSHIBA-TC7WZ00FU Datasheet
141Kb / 7P
   2 Input Nand Gate
TC7WZ00FU TOSHIBA-TC7WZ00FU_09 Datasheet
200Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ04FK TOSHIBA-TC7WZ04FK Datasheet
146Kb / 7P
   Triple Inverter
More results

同様の説明 - TC7WZ02FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7WG02FU TOSHIBA-TC7WG02FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
TC7WH02FC TOSHIBA-TC7WH02FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
TC7WG02FC TOSHIBA-TC7WG02FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
logo
KEC(Korea Electronics)
KIC7S02FU KEC-KIC7S02FU Datasheet
260Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7WZ02FK KEC-KIC7WZ02FK Datasheet
43Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7SZ02FU KEC-KIC7SZ02FU Datasheet
209Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
logo
Toshiba Semiconductor
TC74ACT02P TOSHIBA-TC74ACT02P_07 Datasheet
260Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74AC02P TOSHIBA-TC74AC02P_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74HC02AP TOSHIBA-TC74HC02AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74HC4002AP TOSHIBA-TC74HC4002AP_07 Datasheet
211Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com