データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC59LM913AMG-50 データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC59LM913AMG-50
部品情報  MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM913AMG-50 データシート(HTML) 1 Page - Toshiba Semiconductor

  TC59LM913AMG-50 Datasheet HTML 1Page - Toshiba Semiconductor TC59LM913AMG-50 Datasheet HTML 2Page - Toshiba Semiconductor TC59LM913AMG-50 Datasheet HTML 3Page - Toshiba Semiconductor TC59LM913AMG-50 Datasheet HTML 4Page - Toshiba Semiconductor TC59LM913AMG-50 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM913AMG-50 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM913AMG-50 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM913AMG-50 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM913AMG-50 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
TC59LM913AMG-50
2005-11-08
1/46
Rev 1.1
TENTATIVE
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
512Mbits Network FCRAM1 (SSTL_2 Interface)
− 4,194,304-WORDS × 8 BANKS × 16-BITS
DESCRIPTION
Network FCRAMTM is Double Data Rate Fast Cycle Random Access Memory. TC59LM913AMG is Network
FCRAMTM containing 536,870,912 memory cells. TC59LM913AMG is organized as 4,194,304-words
× 8 banks × 16
bits. TC59LM913AMG feature a fully synchronous operation referenced to clock edge whereby all operations are
synchronized at a clock input which enables high performance and simple user interface coexistence.
TC59LM913AMG can operate fast core cycle compared with regular DDR SDRAM.
TC59LM913AMG is suitable for Network, Server and other applications where large memory density and low
power consumption are required. The Output Driver for Network FCRAMTM is capable of high quality fast data
transfer under light loading condition.
FEATURES
PARAMETER
TC59LM913AMG-50
tCK
Clock Cycle Time (min)
CL
= 4
5.0 ns
tRC
Random Read/Write Cycle Time (min)
25.0 ns
tRAC Random Access Time (max)
22.0 ns
IDD1S Operating Current (single bank) (max)
240 mA
lDD2P Power Down Current (max)
80 mA
lDD6
Self-Refresh Current (max)
20 mA
Fully Synchronous Operation
• Double Data Rate (DDR)
Data input/output are synchronized with both edges of DQS.
• Differential Clock (CLK and CLK ) inputs
CS
, FN and all address input signals are sampled on the positive edge of CLK.
Output data (DQs and DQS) is aligned to the crossings of CLK and CLK .
• Fast clock cycle time of 5 ns minimum
Clock: 200 MHz maximum
Data:
400 Mbps/pin maximum
• Fast cycle and Short Latency
• Eight independent banks operation
When BA2 input assign to A14 input, TC59LM913AMG can function as 4bank device
(Keep backward compatibility to 256Mb)
• Bidirectional Data Strobe Signal
• Distributed Auto-Refresh cycle in 3.9 µs
• Self-Refresh
• Power Down Mode
• Variable Write Length Control
• Write Latency = CAS Latency-1
• Programable CAS Latency and Burst Length
CAS
Latency
= 4
Burst Length
= 2, 4
• Organization: TC59LM913AMG :
4,194,304 words
× 8 banks × 16 bits
• Power Supply Voltage VDD:
2.5 V
± 0.15V
VDDQ:
2.5 V
± 0.15 V
• 2.5 V CMOS I/O comply with SSTL_2 (half strength driver)
• Package: 60Ball BGA, 1mm × 1mm Ball pitch (P−BGA64−1317−1.00AZ)
• Lead-Free
• Keep backward compatibility for TC59LM814CFT(256Mbits) except package design.
Notice : FCRAM is trademark of Fujitsu Limited, Japan.
Lead-Free


同様の部品番号 - TC59LM913AMG-50

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

同様の説明 - TC59LM913AMG-50

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM914AMG TOSHIBA-TC59LM914AMG Datasheet
798Kb / 59P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC164P TOSHIBA-TC74AC164P Datasheet
296Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374P TOSHIBA-TC74ACT374P Datasheet
289Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC40H000P TOSHIBA-TC40H000P Datasheet
145Kb / 3P
   C²MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC59LM836DKB-30 TOSHIBA-TC59LM836DKB-30 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com