データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP3123 データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TLP3123
部品情報  Photocoupler PHOTORELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3123 データシート(HTML) 2 Page - Toshiba Semiconductor

  TLP3123 Datasheet HTML 1Page - Toshiba Semiconductor TLP3123 Datasheet HTML 2Page - Toshiba Semiconductor TLP3123 Datasheet HTML 3Page - Toshiba Semiconductor TLP3123 Datasheet HTML 4Page - Toshiba Semiconductor TLP3123 Datasheet HTML 5Page - Toshiba Semiconductor TLP3123 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP3123
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
30
mA
Forward current derating (Ta >= 25°C)
ΔIF/°C
−0.3
mA/°C
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off-state output terminal voltage
VOFF
40
V
On-state current
ION
1
A
On-state current derating (Ta >= 50°C)
ΔION/°C
−13.3
mA/°C
Pulse on-state current (t
= 100 ms)
IONP
2
A
Power dissipation (Ta
= 50°C)
PO
130
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−40~85
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1 minute, R.H. <= 60%) (Note 1)
BVS
1500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1) : Device considered a two-terminal device : LED side pins shorted together, and detector side pins shorted
together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VDD
32
V
Forward current
IF
5
10
20
mA
Operating temperature
Topr
25
60
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.18
1.33
1.48
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V
= 0, f = 1 MHz
70
pF
Off-state current
IOFF
VOFF = 30 V
1
nA
Capacitance
COFF
V
= 0, f = 1 MHz
300
pF


同様の部品番号 - TLP3123

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
   Measurement Instruments Power Line Control
More results

同様の説明 - TLP3123

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP176GA TOSHIBA-TLP176GA_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP174G TOSHIBA-TLP174G_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP4172G TOSHIBA-TLP4172G Datasheet
170Kb / 6P
   Photocoupler Photorelay
TLP192A TOSHIBA-TLP192A Datasheet
134Kb / 6P
   Photocoupler Photorelay
TLP172A TOSHIBA-TLP172A_07 Datasheet
185Kb / 7P
   Photocoupler Photorelay
TLP172G TOSHIBA-TLP172G_07 Datasheet
177Kb / 6P
   Photocoupler Photorelay
TLP174GA TOSHIBA-TLP174GA_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
   TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
   TOSHIBA Photocoupler Photorelay
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com