データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74AC05P データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TC74AC05P
部品情報  CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter (open drain)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC05P データシート(HTML) 4 Page - Toshiba Semiconductor

  TC74AC05P Datasheet HTML 1Page - Toshiba Semiconductor TC74AC05P Datasheet HTML 2Page - Toshiba Semiconductor TC74AC05P Datasheet HTML 3Page - Toshiba Semiconductor TC74AC05P Datasheet HTML 4Page - Toshiba Semiconductor TC74AC05P Datasheet HTML 5Page - Toshiba Semiconductor TC74AC05P Datasheet HTML 6Page - Toshiba Semiconductor TC74AC05P Datasheet HTML 7Page - Toshiba Semiconductor TC74AC05P Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC74AC05P/F/FN
2007-10-01
4
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
tpLZ
3.3
± 0.3
5.0
± 0.5
4.1
3.5
7.0
5.3
1.0
1.0
8.0
6.0
ns
Propagation delay
time
tpZL
3.3
± 0.3
5.0
± 0.5
5.9
4.1
9.1
6.6
1.0
1.0
10.4
7.5
ns
Input capacitance
CIN
5
10
10
pF
Output capacitance
COUT
10
pF
Power dissipation
capacitance
CPD
(Note)
8
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/6 (per gate)


同様の部品番号 - TC74AC05P

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74AC05P TOSHIBA-TC74AC05P Datasheet
242Kb / 6P
   HEX INVERTER
TC74AC05P TOSHIBA-TC74AC05P_12 Datasheet
245Kb / 7P
   Hex Inverter (open drain)
More results

同様の説明 - TC74AC05P

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC05AP TOSHIBA-TC74HC05AP_07 Datasheet
225Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter (open drain)
TC7SZ05F TOSHIBA-TC7SZ05F_05 Datasheet
197Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Inverter (Open Drain)
logo
KEC(Korea Electronics)
KIC7SZ05FU KEC-KIC7SZ05FU Datasheet
225Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER OPEN DRAIN)
logo
Toshiba Semiconductor
TC74HC07AP TOSHIBA-TC74HC07AP_07 Datasheet
224Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Buffer (open drain)
TC7SZ07AFE TOSHIBA-TC7SZ07AFE Datasheet
202Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic NON-Inverter (Open Drain)
TC74AC04P TOSHIBA-TC74AC04P_07 Datasheet
252Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
TC74HC04AP TOSHIBA-TC74HC04AP_07 Datasheet
255Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
TC74AC14F TOSHIBA-TC74AC14F_07 Datasheet
264Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74ACT14F TOSHIBA-TC74ACT14F_07 Datasheet
262Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74HC14AP TOSHIBA-TC74HC14AP_07 Datasheet
268Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com