データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP4222G データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TLP4222G
部品情報  Telecommunication Measurement Equipment Security Equipment FA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4222G データシート(HTML) 3 Page - Toshiba Semiconductor

  TLP4222G_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP4222G_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP4222G_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP4222G_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP4222G_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP4222G_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP4222G,TLP4222G-2
2007-10-01
3
Coupled Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFC
IOFF = 10 μA
1
3
mA
Return LED current
IFT
ION = 100 mA
0.1
mA
On-state resistance
RON
ION = 100 mA
27
50
Ω
Isolation Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. <= 60%
5
× 1010
10
14
Ω
AC, 1 min
2500
AC, 1 s, in oil
5000
Vrms
Isolation voltage
BVS
DC, 1 min, in oil
5000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn-on time
tON
0.25
0.5
ms
Turn-off time
tOFF
RL = 200 Ω
VDD = 20 V, IF = 5 mA
(Note 2)
0.5
1
ms
Note 2: Switching time test circuit
8
tOFF
tON
10%
90%
VOUT
IF
1
VDD
VOUT
RL
7
2
IF
1b
6
tOFF
tON
10%
90%
VOUT
IF
3
VDD
VOUT
RL
5
4
IF
1a


同様の部品番号 - TLP4222G_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP4222G-2 TOSHIBA-TLP4222G-2 Datasheet
137Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
More results

同様の説明 - TLP4222G_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4202G TOSHIBA-TLP4202G Datasheet
134Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4192G TOSHIBA-TLP4192G Datasheet
165Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4202G TOSHIBA-TLP4202G_07 Datasheet
162Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G_07 Datasheet
174Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G Datasheet
156Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G Datasheet
137Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP797J TOSHIBA-TLP797J Datasheet
251Kb / 6P
   TELECOMMUNICATION MEASUREMENT EQUIPMENT FA
TLP3102 TOSHIBA-TLP3102 Datasheet
317Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com