データシートサーチシステム |
|
TLP2631 データシート(PDF) 2 Page - Toshiba Semiconductor |
|
TLP2631 データシート(HTML) 2 Page - Toshiba Semiconductor |
2 / 8 page TLP2631 2007-10-01 2 Absolute Maximum Ratings (no derating required up to 70°C) Characteristic Symbol Rating Unit Forward current (each channel) IF 20 mA Pulse forward current (each channel)* IFP 30 mA Reverse voltage (each channel) VR 5 V Output current (each channel) IO 16 mA Output voltage (each channel) VO −0.5~7 V Supply voltage (1 minute maximum) VCC 7 V Output collector power dissipation (each channel) PO 40 mW Operating temperature range Tstg −55~125 °C Storage temperature range Topr −40~85 °C Lead soldering temperature (10s)** Tsol 260 °C Isolation voltage (AC, 1 min., R.H.≤ 60%, Note 3) BVS 2500 Vrms Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). * t ≤ 1 msec duration. ** 2mm below seating plane. Recommended Operating Conditions Characteristic Symbol Min. Typ. Max. Unit Input current, low level, each channel IFL 0 ― 250 μA Input current, high level, each channel IFH 6.3* ― 20 mA Supply voltage**, output VCC 4.5 5 5.5 V Fan out (TTL load, each channel) N ― ― 8 Operating temperature Topr 0 ― 70 °C Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the device. Additionally, each item is an independent guideline respectively. In developing designs using this product, please confirm specified characteristics shown in this document. *6.3mA is a guard banded value which allows for at least 20% CTR degradation. Initial input current threshold value is 5.0mA or less. **This item denotes operating ranges, not meaning of recommended operating conditions. |
同様の部品番号 - TLP2631 |
|
同様の説明 - TLP2631 |