データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74AC244F データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TC74AC244F
部品情報  CMOS Digital Integrated Circuit Silicon Monolithic
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC244F データシート(HTML) 5 Page - Toshiba Semiconductor

  TC74AC244F Datasheet HTML 1Page - Toshiba Semiconductor TC74AC244F Datasheet HTML 2Page - Toshiba Semiconductor TC74AC244F Datasheet HTML 3Page - Toshiba Semiconductor TC74AC244F Datasheet HTML 4Page - Toshiba Semiconductor TC74AC244F Datasheet HTML 5Page - Toshiba Semiconductor TC74AC244F Datasheet HTML 6Page - Toshiba Semiconductor TC74AC244F Datasheet HTML 7Page - Toshiba Semiconductor TC74AC244F Datasheet HTML 8Page - Toshiba Semiconductor TC74AC244F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74AC240,244P/F/ FT
2007-10-01
5
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
(Note 2)
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
6.3
4.8
10.5
7.0
1.0
1.0
12.0
8.0
ns
Propagation delay
time
(Note 3)
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
7.0
5.2
11.4
7.5
1.0
1.0
13.0
8.5
ns
Output enable time
tpZL
tpZH
3.3 ± 0.3
5.0 ± 0.5
8.4
5.9
14.0
8.7
1.0
1.0
16.0
10.0
ns
Output disable time
tpLZ
tpHZ
3.3 ± 0.3
5.0 ± 0.5
6.4
5.5
10.5
7.9
1.0
1.0
12.0
9.0
ns
Input capacitance
CIN
5
10
10
pF
Output capacitance
COUT
10
pF
Power dissipation
capacitance
CPD
(Note 1)
30
pF
Note 1: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/8 (per bit)
Note 2: For TC74AC240 only
Note 3: For TC74AC244 only


同様の部品番号 - TC74AC244F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74AC244F TOSHIBA-TC74AC244F Datasheet
290Kb / 6P
   OCTAL BUS BUFFER
TC74AC244FT TOSHIBA-TC74AC244FT Datasheet
290Kb / 6P
   OCTAL BUS BUFFER
TC74AC244FW TOSHIBA-TC74AC244FW Datasheet
290Kb / 6P
   OCTAL BUS BUFFER
More results

同様の説明 - TC74AC244F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com