データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74AC283FN データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC74AC283FN
部品情報  CMOS Digital Integrated Circuit Silicon Monolithic 4-Bit Binary Full Adder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC283FN データシート(HTML) 1 Page - Toshiba Semiconductor

  TC74AC283FN Datasheet HTML 1Page - Toshiba Semiconductor TC74AC283FN Datasheet HTML 2Page - Toshiba Semiconductor TC74AC283FN Datasheet HTML 3Page - Toshiba Semiconductor TC74AC283FN Datasheet HTML 4Page - Toshiba Semiconductor TC74AC283FN Datasheet HTML 5Page - Toshiba Semiconductor TC74AC283FN Datasheet HTML 6Page - Toshiba Semiconductor TC74AC283FN Datasheet HTML 7Page - Toshiba Semiconductor TC74AC283FN Datasheet HTML 8Page - Toshiba Semiconductor TC74AC283FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74AC283P/F/FN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC283P,TC74AC283F,TC74AC283FN
4-Bit Binary Full Adder
The TC74AC283 is an advanced high speed CMOS 4-BIT
BINARY FULL ADDER fabricated with silicon gate and
double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
Sum (Σ) outputs are provided for each bit and a resultant carry
(C4) is obtained from the fourth bit.
This adder features full internal look-ahead across all four bits.
A4 × n bit binary adder is easily built up by cascading the
AC283 without any additional logic.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 7.0 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~5.5 V
• Pin and function compatible with 74F283
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74AC283P
TC74AC283F
TC74AC283FN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


同様の部品番号 - TC74AC283FN

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74AC280F TOSHIBA-TC74AC280F Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
TC74AC280F TOSHIBA-TC74AC280F Datasheet
361Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 9-Bit Parity Generator/Checker
TC74AC280FN TOSHIBA-TC74AC280FN Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
TC74AC280FN TOSHIBA-TC74AC280FN Datasheet
361Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 9-Bit Parity Generator/Checker
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
More results

同様の説明 - TC74AC283FN

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
   4 BIT BINARY FULL ADDER
logo
Renesas Technology Corp
HD74LS283 RENESAS-HD74LS283 Datasheet
101Kb / 8P
   4-bit Binary Full Adder
logo
Hitachi Semiconductor
HD74HC283 HITACHI-HD74HC283 Datasheet
56Kb / 10P
   4-bit Binary Full Adder
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
   4-BIT BINARY FULL ADDER
logo
NXP Semiconductors
HEF4008B PHILIPS-HEF4008B Datasheet
62Kb / 5P
   4-bit binary full adder
January 1995
logo
Renesas Technology Corp
HD74HC283 RENESAS-HD74HC283 Datasheet
105Kb / 8P
   4-bit Binary Full Adder
logo
Toshiba Semiconductor
TC74HC283AP TOSHIBA-TC74HC283AP_07 Datasheet
399Kb / 10P
   4-Bit Binary Full Adder
logo
STMicroelectronics
M74HC283 STMICROELECTRONICS-M74HC283 Datasheet
1,005Kb / 9P
   4-BIT BINARY FULL ADDER
logo
Toshiba Semiconductor
TC74ACT161P TOSHIBA-TC74ACT161P_07 Datasheet
654Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Synchronous Presettable 4-Bit Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com