データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74AC390P データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TC74AC390P
部品情報  CMOS Digital Integrated Circuit Silicon Monolithic Dual Decade Counter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC390P データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74AC390P Datasheet HTML 2Page - Toshiba Semiconductor TC74AC390P Datasheet HTML 3Page - Toshiba Semiconductor TC74AC390P Datasheet HTML 4Page - Toshiba Semiconductor TC74AC390P Datasheet HTML 5Page - Toshiba Semiconductor TC74AC390P Datasheet HTML 6Page - Toshiba Semiconductor TC74AC390P Datasheet HTML 7Page - Toshiba Semiconductor TC74AC390P Datasheet HTML 8Page - Toshiba Semiconductor TC74AC390P Datasheet HTML 9Page - Toshiba Semiconductor TC74AC390P Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC74AC390P/F/FN
2007-10-01
6
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
(
CKA -QA)
tpLH
tpHL
3.3
± 0.3
5.0
± 0.5
8.2
5.5
14.0
8.4
1.0
1.0
16.0
9.6
ns
Propagation delay
time
(
CKA -QC)
tpLH
tpHL
QA connected to
CKB
3.3
± 0.3
5.0
± 0.5
17.0
10.5
30.0
17.5
1.0
1.0
34.0
20.0
ns
Propagation delay
time
( CKB -QB, QD)
tpLH
tpHL
3.3
± 0.3
5.0
± 0.5
8.8
6.0
14.9
9.4
1.0
1.0
17.0
10.7
ns
Propagation delay
time
(
CKB -QC)
tpLH
tpHL
3.3
± 0.3
5.0
± 0.5
11.0
7.1
18.8
11.3
1.0
1.0
21.5
12.8
ns
Propagation delay
time
(CLR-Qn)
tpHL
3.3
± 0.3
5.0
± 0.5
7.7
5.7
12.5
8.5
1.0
1.0
14.3
9.7
ns
Maximum clock
frequency
(
CKA )
fmax
3.3
± 0.3
5.0
± 0.5
60
100
120
180
60
100
MHz
Maximum clock
frequency
( CKB )
fmax
3.3
± 0.3
5.0
± 0.5
45
90
90
140
45
90
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
40
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/2 (per counter)


同様の部品番号 - TC74AC390P

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74AC390P TOSHIBA-TC74AC390P Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

同様の説明 - TC74AC390P

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC390AP TOSHIBA-TC74HC390AP_07 Datasheet
409Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Decade Counter
TC74HC4017AP TOSHIBA-TC74HC4017AP_07 Datasheet
346Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Decade Counter/Divider
TC74HC393AP TOSHIBA-TC74HC393AP_07 Datasheet
324Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC74AC393F TOSHIBA-TC74AC393F_07 Datasheet
273Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4024AP TOSHIBA-TC74HC4024AP_07 Datasheet
269Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 7-Stage Binary Counter
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com