データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP848 データシート(PDF) 11 Page - Toshiba Semiconductor

部品番号 TLP848
部品情報  Personal Equipment and Small-sized OA Equipment
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP848 データシート(HTML) 11 Page - Toshiba Semiconductor

Back Button TLP848 Datasheet HTML 4Page - Toshiba Semiconductor TLP848 Datasheet HTML 5Page - Toshiba Semiconductor TLP848 Datasheet HTML 6Page - Toshiba Semiconductor TLP848 Datasheet HTML 7Page - Toshiba Semiconductor TLP848 Datasheet HTML 8Page - Toshiba Semiconductor TLP848 Datasheet HTML 9Page - Toshiba Semiconductor TLP848 Datasheet HTML 10Page - Toshiba Semiconductor TLP848 Datasheet HTML 11Page - Toshiba Semiconductor TLP848 Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TLP848
2007-10-01
11
Relative Positioning of Shutter and Device
For normal operation, position the shutter and the device as shown in the figure below. By considering the
device's detection direction characteristic and switching time, determine the shutter slit width and pitch.
0
0.2
0.4
0.6
0.8
1
1.2
-2
-1
0
1
2
3
4
0
0.2
0.4
0.6
0.8
1
1.2
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
Detection position
characteristics (1)
(typ.)
Distance d (mm)
Detection position
characteristics (2)
(typ.)
Distance d (mm)
IF = 5mA
VCE = 2V
Ta = 25°C
Detection position
d = 0 ± 0.2mm
0
d
Shutter
+
IF = 5mA
VCE = 2V
Ta = 25°C
Detection position
d = 0.75
mm
Shutter
d
+0.6
-
0.5
Center of sensor
Unit: mm
Cross section between A and A'
A
A’
Shutter


同様の部品番号 - TLP848

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP841 TOSHIBA-TLP841 Datasheet
188Kb / 8P
   Infrared LED Phototransistor
More results

同様の説明 - TLP848

メーカー部品番号データシート部品情報
logo
Sumida Corporation
CSLF3228 SUMIDA-CSLF3228 Datasheet
413Kb / 4P
   CAN Bus, AV/OA equipment
logo
Sanyo Semicon Device
LB1824 SANYO-LB1824 Datasheet
134Kb / 9P
   Power Brushless Motor Driver for OA Equipment
logo
Sumida Corporation
CPFC0605 SUMIDA-CPFC0605 Datasheet
526Kb / 4P
   CAN Bus, LED head lamp unit, AV/OA equipment
logo
Toshiba Semiconductor
TLP1023 TOSHIBA-TLP1023 Datasheet
364Kb / 7P
   OA EQUIPMENT SUCH AS COPYING MACHINE, PRINTER, FACSMILE, ETC.
logo
Omron Electronics LLC
XM2A-0901 OMRON-XM2A-0901 Datasheet
576Kb / 1P
   D-sub Connectors Ideal for Interfacing with OA Equipment
XM2S-0913 OMRON-XM2S-0913 Datasheet
576Kb / 1P
   D-sub Connectors Ideal for Interfacing with OA Equipment
logo
Sumida Corporation
CPFC94B SUMIDA-CPFC94B Datasheet
415Kb / 4P
   CAN Bus, LED head lamp unit, AV/OA equipment
logo
Sanyo Semicon Device
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
   Power Brushless Motor Pre-Driver IC for OA Equipment
logo
Carling Technologies
62116919-0-9-V CARLINGTECH-62116919-0-9-V Datasheet
600Kb / 4P
   Small-sized Rocker switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com