データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1SV309 データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 1SV309
部品情報  UHF SHF Tuning
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SV309 データシート(HTML) 1 Page - Toshiba Semiconductor

  1SV309 Datasheet HTML 1Page - Toshiba Semiconductor 1SV309 Datasheet HTML 2Page - Toshiba Semiconductor 1SV309 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SV309
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Planar Type
1SV309
UHF SHF Tuning
• High capacitance ratio: C2 V/C25 V = 5.7 (typ.)
• Low series resistance: rs = 1.2 Ω (typ.)
• Excellent C-V characteristics, and small tracking error.
• Useful for small size tuner.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Reverse voltage
VR
30
V
Peak reverse voltage
VRM
35 (RL = 10 kΩ)V
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 1 μA
30
V
Reverse current
IR
VR = 28 V
10
nA
Capacitance
C2 V
VR = 2 V, f = 1 MHz
3.31
4.55
pF
Capacitance
C25 V
VR = 25 V, f = 1 MHz
0.61
0.77
pF
Capacitance ratio
C2 V/C25 V
5.0
6.5
Series resistance
rs
VR = 1 V, f = 470 MHz
1.2
2.0
Ω
Note 1: Unites are compounded in one package and are matched to 6.0%.
(min)
C
(min)
C
(max)
C
<= 0.06
(VR = 2 to 25 V)
Marking
Unit: mm
JEDEC
JEITA
TOSHIBA
1-1G1A
Weight: 0.0014 g (typ.)


同様の部品番号 - 1SV309

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
1SV309 TOSHIBA-1SV309 Datasheet
105Kb / 2P
   DIODE (UHF SHF TUNING)
More results

同様の説明 - 1SV309

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
JDV2S71E TOSHIBA-JDV2S71E Datasheet
131Kb / 3P
   UHF SHF TUNING
1SV309 TOSHIBA-1SV309 Datasheet
105Kb / 2P
   DIODE (UHF SHF TUNING)
1SV287 TOSHIBA-1SV287 Datasheet
77Kb / 1P
   VARIABLE CAPACITANCE DIODE (UHF SHF TUNING)
1SV291 TOSHIBA-1SV291 Datasheet
77Kb / 1P
   VARIABLE CAPACITANCE DIODE (UHF SHF TUNING)
1SV245 TOSHIBA-1SV245 Datasheet
118Kb / 2P
   VARIABLE CAPACITANCE DIODE (UHF SHF TUNING)
logo
KEC(Korea Electronics)
KDV287 KEC-KDV287 Datasheet
64Kb / 1P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(UHF SHF TUNING)
KDV287E KEC-KDV287E Datasheet
62Kb / 1P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(UHF SHF TUNING)
logo
Toshiba Semiconductor
MT4S102T TOSHIBA-MT4S102T Datasheet
124Kb / 5P
   UHF-SHF Low Noise Amplifier Application
MT4S104T TOSHIBA-MT4S104T Datasheet
126Kb / 5P
   UHF-SHF Low Noise Amplifier Application
MT4S200U TOSHIBA-MT4S200U Datasheet
166Kb / 6P
   UHF-SHF Low Noise Amplifier Application
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com