データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP192A データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TLP192A
部品情報  Measurement and Control Equipment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP192A データシート(HTML) 1 Page - Toshiba Semiconductor

  TLP192A Datasheet HTML 1Page - Toshiba Semiconductor TLP192A Datasheet HTML 2Page - Toshiba Semiconductor TLP192A Datasheet HTML 3Page - Toshiba Semiconductor TLP192A Datasheet HTML 4Page - Toshiba Semiconductor TLP192A Datasheet HTML 5Page - Toshiba Semiconductor TLP192A Datasheet HTML 6Page - Toshiba Semiconductor TLP192A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP192A
2007-10-01
1
TOSHIBA Photocoupler Photorelay
TLP192A
Telecommunications
Measurement and Control Equipment
Data Acquisition System
Measurement Equipment
The Toshiba TLP192A consists of a gallium arsenide infrared emitting
diode optically coupled to a photo-MOSFET in a 6-pin SOP package. This
photorelay has higher output current rating than phototransistor-type
photocoupler; hence, it is suitable for use as On/Off control for high
current.
• 6-pin SOP (2.54SOP6): Height = 2.1 mm, pitch = 2.54 mm
• Normally open (1-form-A) device
• Peak off-state voltage: 60 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 400 mA (max)
• On-state resistance: 2 Ω (max)
• Isolation voltage: 1500 Vrms (min)
• UL recognized: UL1557, File No.E67349
Pin Configuration (top view)
Schematic
Unit: mm
JEDEC
JEITA
TOSHIBA
11-7C1
Weight: 0.13 g (typ.)
1: Anode
2: Cathode
4: Drain D1
5: Source
6: Drain D2
1
2
6
5
3
4
1
6
4
2
5


同様の部品番号 - TLP192A

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP192A TOSHIBA-TLP192A Datasheet
134Kb / 6P
   Photocoupler Photorelay
More results

同様の説明 - TLP192A

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP222A TOSHIBA-TLP222A_07 Datasheet
187Kb / 6P
   Measurement and Control Equipment
TLP592A TOSHIBA-TLP592A_07 Datasheet
182Kb / 6P
   Measurement and Control Equipment
TLP202A TOSHIBA-TLP202A_07 Datasheet
160Kb / 4P
   Measurement and Control Equipment
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
CMZB390 TOSHIBA-CMZB390 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB68 TOSHIBA-CMZB68 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB82 TOSHIBA-CMZB82 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com