データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP200D データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TLP200D
部品情報  Measurement Instrument
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP200D データシート(HTML) 3 Page - Toshiba Semiconductor

  TLP200D_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP200D_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP200D_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP200D_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP200D_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP200D_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP200D
2007-10-01
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
LED
Capacitance
CT
V
= 0, f = 1 MHz
30
pF
Off-state current
IOFF
VOFF = 200 V
1
μA
Detector
Capacitance
COFF
V
= 0, f = 1 MHz
100
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
ION = 200 mA
1
3
mA
On-state resistance
RON
ION = 200 mA, IF = 5 mA
5
8
Ω
Isolation Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5
×
10
10
10
14
Ω
AC, 1 minute
1500
AC, 1 s, in oil
3000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
3000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn-on time
tON
0.6
1.5
ms
Turn-off time
tOFF
RL = 200 Ω
(Note)
VDD = 20 V, IF = 5 mA
0.1
1.0
ms
Note: Switching time test circuit
6, 8
RL
VDD
VOUT
5, 7
1, 3
2, 4
IF
VOUT
IF
tON
tOFF
90%
10%


同様の部品番号 - TLP200D_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP200D TOSHIBA-TLP200D_14 Datasheet
380Kb / 6P
   PBX Modem - Fax Card Measurement Instrument
More results

同様の説明 - TLP200D_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP206A TOSHIBA-TLP206A_07 Datasheet
176Kb / 6P
   Measurement Instrument
TLP206G TOSHIBA-TLP206G_07 Datasheet
174Kb / 6P
   Measurement Instrument
TLP3220 TOSHIBA-TLP3220 Datasheet
286Kb / 7P
   Measurement Instrument
TLP206A TOSHIBA-TLP206A Datasheet
271Kb / 6P
   MEASUREMENT INSTRUMENT DATA ACQUISITION PROGRAMMABLE CONTROL
TLP206A TOSHIBA-TLP206A_14 Datasheet
406Kb / 6P
   Measurement Instrument Data Acquisition Programmable Control
TLP200D TOSHIBA-TLP200D_14 Datasheet
380Kb / 6P
   PBX Modem - Fax Card Measurement Instrument
TLP206G TOSHIBA-TLP206G_14 Datasheet
201Kb / 6P
   PBX Modem-FAX Card Measurement Instrument
logo
List of Unclassifed Man...
5400E ETC2-5400E Datasheet
332Kb / 2P
   Instrument Knobs
logo
WALSIN TECHNOLOGY CORPO...
TTU25 WALSIN-TTU25 Datasheet
1Mb / 11P
   Measuring instrument
logo
M/A-COM Technology Solu...
SCW1331U-120FCR MA-COM-SCW1331U-120FCR Datasheet
234Kb / 2P
   Instrument Laser Modules
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com