データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74HC4066AP データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC74HC4066AP
部品情報  CMOS Digital Integrated Circuit Silicon Monolithic Quad Bilateral Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4066AP データシート(HTML) 1 Page - Toshiba Semiconductor

  TC74HC4066AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TC74HC4066AP/AF/AFN/AFT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4066AP,TC74HC4066AF,TC74HC4066AFN,TC74HC4066AFT
Quad Bilateral Switch
The TC74HC4066A is a high speed CMOS QUAD BILATERAL
SWITCH fabricated with silicon gate C2MOS technology.
It consists of four independent high speed switches capable of
controlling either digital or analog signals while maintaining the
CMOS low power dissipation.
Control input (C) is provided to control the switch. The switch
turns ON while the C input is high, and the switch turns OFF
while low.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 7 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 1 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Low on resistance: RON = 50 Ω (typ.) at VCC = 9 V
• High degree of linearity: THD = 0.05% (typ.) at VCC = 5 V
• Pin and function compatible with 4066B
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC4066AP
TC74HC4066AF
TC74HC4066AFN
TC74HC4066AFT
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)


同様の部品番号 - TC74HC4066AP_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
More results

同様の説明 - TC74HC4066AP_07

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIC7SZ66FU KEC-KIC7SZ66FU Datasheet
408Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(BILATERAL SWITCH)
KIC7S66FU KEC-KIC7S66FU Datasheet
304Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(BILATERAL SWITCH)
KIC7W66FK KEC-KIC7W66FK Datasheet
444Kb / 6P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL BILATERAL SWITCH)
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com