データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74HC4053AP データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TC74HC4053AP
部品情報  CMOS Digital Integrated Circuit Silicon Monolithic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4053AP データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74HC4053AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4053AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4053AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4053AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4053AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4053AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4053AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4053AP Datasheet HTML 9Page - Toshiba Semiconductor TC74HC4053AP Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TC74HC4051,4052AP/AF/AFT,4053AP/AF/AFN/AFT
2007-10-01
6
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VEE (V) VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level control
input voltage
VIHC
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level control
input voltage
VILC
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
VIN = VILC or VIHC
VI/O = VCC to VEE
II/O ≤ 2 mA
GND
−4.5
−6.0
4.5
4.5
6.0
85
55
50
180
120
100
225
150
125
ON resistance
RON
VIN = VILC or VIHC
VI/O = VCC or VEE
II/O ≤ 2 mA
GND
GND
−4.5
−6.0
2.0
4.5
4.5
6.0
150
70
50
45
150
100
80
190
125
100
Ω
Difference of ON
resistance between
switches
ΔRON
VIN = VILC or VIHC
VI/O = VCC to VEE
II/O ≤ 2 mA
GND
−4.5
−6.0
4.5
4.5
6.0
10
5
5
30
12
10
35
15
12
Ω
Input/output leakage
current
(switch off)
IOFF
VOS = VCC or GND
VIS = GND or VCC
VIN = VILC or VIHC
GND
−6.0
6.0
6.0
±60
±100
±600
±1000
nA
Switch input leakage
current
(switch on)
IIZ
VOS = VCC or GND
VIN = VILC or VIHC
GND
−6.0
6.0
6.0
±60
±100
±600
±1000
nA
Control input current
IIN
VIN = VCC or GND
GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
GND
−6.0
6.0
6.0
4.0
8.0
40.0
80.0
μA


同様の部品番号 - TC74HC4053AP

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC4053AP TOSHIBA-TC74HC4053AP Datasheet
383Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULITIPLEXER
More results

同様の説明 - TC74HC4053AP

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com