データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74HC153AP データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TC74HC153AP
部品情報  Dual 4-Channel Multiplexer with 3-State Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC153AP データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74HC153AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC153AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC153AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC153AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC153AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC153AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC153AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC153AP_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74HC153AP_07 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC74HC153,253AP/AF/AFN
2007-10-01
6
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
(Cn-Y)
tpLH
tpHL
2.0
4.5
6.0
48
15
12
115
23
20
145
29
25
ns
Propagation delay
time
(A, B-Y)
tpLH
tpHL
2.0
4.5
6.0
68
20
16
150
30
26
190
38
33
ns
Propagation delay
time
(
G -Y)
(Note 2)
tpLH
tpHL
2.0
4.5
6.0
31
11
9
95
19
16
120
24
20
ns
3-state output enable
time
( G-Y)
(Note 3)
tpZL
tpZH
RL = 1 kΩ
2.0
4.5
6.0
36
12
9
100
20
17
125
25
21
ns
3-state output disable
time
(
G -Y)
(Note 3)
tpLZ
tpHZ
RL = 1 kΩ
2.0
4.5
6.0
22
13
11
115
23
20
145
29
25
ns
Input capacitance
CIN
5
10
10
pF
TC74HC153A
58
Power dissipation
capacitance
CPD
(Note 1) TC74HC253A
59
pF
Note 1: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC
Note 2: For TC74HC153A only
Note 3: For TC74HC253A only


同様の部品番号 - TC74HC153AP_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC153AP TOSHIBA-TC74HC153AP Datasheet
307Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

同様の説明 - TC74HC153AP_07

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M74HC253 STMICROELECTRONICS-M74HC253 Datasheet
355Kb / 11P
   DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
M54HC153 STMICROELECTRONICS-M54HC153 Datasheet
260Kb / 12P
   HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER
M54HC253 STMICROELECTRONICS-M54HC253_04 Datasheet
229Kb / 10P
   RAD-HARD DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_00 Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253_00 Datasheet
80Kb / 7P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS353 MOTOROLA-SN54LS353 Datasheet
192Kb / 6P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT253 AVG-DV74ACT253 Datasheet
321Kb / 4P
   Dual 4-Input Multiplexer with 3-State Outputs
logo
ON Semiconductor
MC74AC253 ONSEMI-MC74AC253_15 Datasheet
103Kb / 9P
   Dual 4-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com