データシートサーチシステム |
|
TC74HC161AP データシート(PDF) 6 Page - Toshiba Semiconductor |
|
TC74HC161AP データシート(HTML) 6 Page - Toshiba Semiconductor |
6 / 15 page TC74HC161,163AP/AF/AFN 2007-10-01 6 Electrical Characteristics DC Characteristics Test Condition Ta = 25°C Ta = −40 to 85°C Characteristics Symbol VCC (V) Min Typ. Max Min Max Unit High-level input voltage VIH ⎯ 2.0 4.5 6.0 1.50 3.15 4.20 ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ 1.50 3.15 4.20 ⎯ ⎯ ⎯ V Low-level input voltage VIL ⎯ 2.0 4.5 6.0 ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ 0.50 1.35 1.80 ⎯ ⎯ ⎯ 0.50 1.35 1.80 V IOH = −20 μA 2.0 4.5 6.0 1.9 4.4 5.9 2.0 4.5 6.0 ⎯ ⎯ ⎯ 1.9 4.4 5.9 ⎯ ⎯ ⎯ High-level output voltage VOH VIN = VIH or VIL IOH = −4 mA IOH = −5.2 mA 4.5 6.0 4.18 5.68 4.31 5.80 ⎯ ⎯ 4.13 5.63 ⎯ ⎯ V IOL = 20 μA 2.0 4.5 6.0 ⎯ ⎯ ⎯ 0.0 0.0 0.1 0.1 0.1 0.1 ⎯ ⎯ ⎯ 0.1 0.1 0.1 Low-level output voltage VOL VIN = VIH or VIL IOL = 4 mA IOL = 5.2 mA 4.5 6.0 ⎯ ⎯ 0.17 0.18 0.26 0.26 ⎯ ⎯ 0.33 0.33 V Input leakage current IIN VIN = VCC or GND 6.0 ⎯ ⎯ ±0.1 ⎯ ±1.0 μA Quiescent supply current ICC VIN = VCC or GND 6.0 ⎯ ⎯ 4.0 ⎯ 40.0 μA |
同様の部品番号 - TC74HC161AP_07 |
|
同様の説明 - TC74HC161AP_07 |