データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74HC163AFN データシート(PDF) 9 Page - Toshiba Semiconductor

部品番号 TC74HC163AFN
部品情報  Binary, Synchronous Clear
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC163AFN データシート(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74HC163AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC163AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC163AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC163AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HC163AFN Datasheet HTML 9Page - Toshiba Semiconductor TC74HC163AFN Datasheet HTML 10Page - Toshiba Semiconductor TC74HC163AFN Datasheet HTML 11Page - Toshiba Semiconductor TC74HC163AFN Datasheet HTML 12Page - Toshiba Semiconductor TC74HC163AFN Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TC74HC161,163AP/AF/AFN
2007-10-01
9
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
25
7
6
75
15
13
95
19
16
ns
Propagation delay
time
(CK-Q)
tpLH
tpHL
Figure 1
2.0
4.5
6.0
48
16
14
125
25
21
155
31
26
ns
Propagation delay
time
(CK-CO)
[count mode]
tpLH
tpHL
Figure 1
2.0
4.5
6.0
57
19
16
150
30
26
190
38
33
ns
tpLH
2.0
4.5
6.0
66
22
19
175
35
30
220
44
37
Propagation delay
time
(CK-CO)
[preset mode]
tpHL
Figure 2
2.0
4.5
6.0
72
24
20
200
40
34
250
50
43
ns
Propagation delay
time
(ENT-CO)
tpLH
tpHL
Figure 6
2.0
4.5
6.0
39
13
11
100
20
17
125
25
21
ns
Propagation delay
time
( CLR -Q)
(Note 2)
tpHL
Figure 4
2.0
4.5
6.0
60
20
17
150
30
26
190
38
33
ns
Propagation delay
time
( CLR -CO)
(Note 2)
tpHL
Figure 4
2.0
4.5
6.0
72
24
20
200
40
34
250
50
43
ns
Maximum clock
frequency
fmax
2.0
4.5
6.0
6
31
36
18
53
62
5
25
29
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note 1)
34
pF
Note 1: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC
When the outputs drive a capacitive load, total current consumption is the sum of CPD, and ΔICC which is
obtained from the following formula:
In case of TC74HC161A/163A:
)
16
C
16
C
8
C
4
C
2
C
(
V
f
I
CO
QD
QC
QB
QA
CC
CK
CC
+
+
+
+
=
Δ
CQA~CQD and CCO are the capacitances at QA~QD and CO, respectively.
fCK is the input frequency of the CK.
Note 2: For TC74HC161A only


同様の部品番号 - TC74HC163AFN

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC163AFN TOSHIBA-TC74HC163AFN Datasheet
431Kb / 11P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

同様の説明 - TC74HC163AFN

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Hitachi Semiconductor
HD74LS163A HITACHI-HD74LS163A Datasheet
112Kb / 7P
   Synchronous 4-bit Binary Counters(synchronous clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
logo
National Semiconductor ...
74LVX163 NSC-74LVX163 Datasheet
138Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
logo
Fairchild Semiconductor
74LVX163 FAIRCHILD-74LVX163 Datasheet
73Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com