データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74HC175AP データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TC74HC175AP
部品情報  Quad D-Type Flip Flop with Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC175AP データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74HC175AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC175AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC175AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC175AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC175AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC175AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC175AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC175AP_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74HC175AP_07 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC74HC175AP/AF/AFN
2007-10-01
6
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay time
(CK-Q,
Q )
tpLH
tpHL
2.0
4.5
6.0
70
19
16
140
28
24
175
35
30
ns
Propagation delay time
( CLR -Q, Q)
tpLH
tpHL
2.0
4.5
6.0
50
16
12
125
25
22
160
32
27
ns
Maximum clock frequency
fmax
2.0
4.5
6.0
6
31
36
14
53
63
5
25
29
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
53
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/4 (per F/F)
And the total CPD when n pcs. of Flip Flop operate can be gained by the following equation:
CPD (total) = 32 + 21・n


同様の部品番号 - TC74HC175AP_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC175AP TOSHIBA-TC74HC175AP Datasheet
281Kb / 7P
   QUAD D - TYPE FLIP FLOP WITH CLEAR
More results

同様の説明 - TC74HC175AP_07

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M74HC175 STMICROELECTRONICS-M74HC175_01 Datasheet
428Kb / 11P
   QUAD D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F_12 Datasheet
229Kb / 10P
   Quad D-Type Flip Flop with Clear
TC74HC175AP TOSHIBA-TC74HC175AP Datasheet
281Kb / 7P
   QUAD D - TYPE FLIP FLOP WITH CLEAR
TC74VHC175F TOSHIBA-TC74VHC175F_07 Datasheet
270Kb / 11P
   Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_V01 Datasheet
336Kb / 7P
   QUAD D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
logo
Fairchild Semiconductor
MM74HC175 FAIRCHILD-MM74HC175 Datasheet
76Kb / 7P
   Quad D-Type Flip-Flop With Clear
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK_07 Datasheet
192Kb / 7P
   Quad D-Type Flip-Flop with Clear
TC74AC175F TOSHIBA-TC74AC175F_12 Datasheet
228Kb / 9P
   Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F Datasheet
257Kb / 7P
   QUAD D-TYPE FLIP-FLOP WITH CLEAR
logo
ON Semiconductor
MM74HC175 ONSEMI-MM74HC175 Datasheet
179Kb / 9P
   Quad D-Type Flip-Flop With Clear
Revised February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com