データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1203 データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 2SA1203
部品情報  Audio Frequency Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1203 データシート(HTML) 2 Page - Toshiba Semiconductor

  2SA1203 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1203 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1203 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1203 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1203
2006-11-09
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −30 V, IE = 0
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
−0.1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −10 mA, IB = 0
−30
V
Emitter-base breakdown voltage
V (BR) EBO
IE = −1 mA, IC = 0
−5
V
DC current gain
hFE
(Note 3)
VCE = −2 V, IC = −500 mA
100
320
Collector-emitter saturation voltage
VCE (sat)
IC = −1.5 A, IB = −0.03 A
−2.0
V
Base-emitter voltage
VBE
VCE = −2 V, IC = −500 mA
−1.0
V
Transition frequency
fT
VCE = −2 V, IC = −500 mA
120
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
50
pF
Note 3: hFE classification O: 100 to 200, Y: 160 to 320
Marking
H
Part No. (or abbreviation code)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics indicator


同様の部品番号 - 2SA1203

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SA1203 TOSHIBA-2SA1203 Datasheet
156Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
logo
Jiangsu Changjiang Elec...
2SA1203 JIANGSU-2SA1203 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
TRANSYS Electronics Lim...
2SA1203 TEL-2SA1203 Datasheet
101Kb / 2P
   Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SA1203 BILIN-2SA1203 Datasheet
164Kb / 4P
   Silicon Planar Epitaxial Transistor
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
   Audio Frequency Amplifier Applications
More results

同様の説明 - 2SA1203

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
   Audio Frequency Amplifier Applications
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
   Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC3423-Y TOSHIBA-2SC3423-Y Datasheet
127Kb / 5P
   Audio Frequency Amplifier Applications
2SA1204-Y TOSHIBA-2SA1204-Y Datasheet
143Kb / 4P
   Audio Frequency Amplifier Applications
2SC2704 TOSHIBA-2SC2704 Datasheet
189Kb / 3P
   AUDIO FREQUENCY AMPLIFIER APPLICATIONS.
2SA1360 TOSHIBA-2SA1360_07 Datasheet
126Kb / 5P
   Audio Frequency Amplifier Applications
2SA817 TOSHIBA-2SA817_07 Datasheet
357Kb / 3P
   Audio Frequency Amplifier Applications
2SA1049 TOSHIBA-2SA1049_07 Datasheet
341Kb / 3P
   Audio Frequency Amplifier Applications
2SA1145 TOSHIBA-2SA1145_07 Datasheet
138Kb / 5P
   Audio Frequency Amplifier Applications
2SA1204 TOSHIBA-2SA1204_07 Datasheet
131Kb / 4P
   Audio Frequency Amplifier Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com