データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74HC240AP データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TC74HC240AP
部品情報  Octal Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC240AP データシート(HTML) 5 Page - Toshiba Semiconductor

  TC74HC240AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC240AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC240AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC240AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC240AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC240AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC240AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC240AP Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC74HC240,244AP/AF,241AP/AF
2007-10-01
5
AC Characteristics (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
CL (pF) VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
50
2.0
4.5
6.0
25
7
6
60
12
10
75
15
13
ns
50
2.0
4.5
6.0
36
12
10
90
18
15
115
23
20
Propagation delay
time
tpLH
tpHL
150
2.0
4.5
6.0
51
17
14
130
26
22
165
33
28
ns
50
2.0
4.5
6.0
48
16
14
125
25
21
155
31
26
Output enable time
tpZL
tpZH
RL = 1 kΩ
150
2.0
4.5
6.0
63
21
18
165
33
28
205
41
35
ns
Output disable time
tpLZ
tpHZ
RL = 1 kΩ
50
2.0
4.5
6.0
32
15
14
125
25
21
155
31
26
ns
Input capacitance
CIN
5
10
10
pF
Output capacitance
COUT
10
pF
TC74HC240A
31
Power dissipation
capacitance
CPD
(Note) TC74HC241A/244A
33
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)


同様の部品番号 - TC74HC240AP

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC240API TOSHIBA-TC74HC240API Datasheet
290Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

同様の説明 - TC74HC240AP

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com