データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP651 データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TLP651
部品情報  Microprocessor System Interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP651 データシート(HTML) 3 Page - Toshiba Semiconductor

  TLP651 Datasheet HTML 1Page - Toshiba Semiconductor TLP651 Datasheet HTML 2Page - Toshiba Semiconductor TLP651 Datasheet HTML 3Page - Toshiba Semiconductor TLP651 Datasheet HTML 4Page - Toshiba Semiconductor TLP651 Datasheet HTML 5Page - Toshiba Semiconductor TLP651 Datasheet HTML 6Page - Toshiba Semiconductor TLP651 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP651
2007-10-01
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 16mA
1.65
1.85
V
Forward voltage
temperature coefficient
ΔVF / ΔTa
IF = 16mA
−2
mV / °C
Reverse current
IR
VR = 5V
10
μA
Capacitance between
terminal
CT
VF = 0, f = 1MHz
45
pF
IOH (1)
IF = 0mA, VCC = VO = 5.5V
3
500
nA
IOH (2)
IF = 0mA, VCC = VO = 15V
5
μA
High level output
current
IOH
IF = 0mA, VCC = VO = 15V
Ta = 70°C
250
μA
High level supply
voltage
ICCH
IF = 0mA, VCC = 15V
0.01
1
μA
Ta = 25°C
10
30
Rank: O
19
30
Ta = 0~70°C
5
Current transfer ratio
IO / IF
IF = 16mA
VCC = 4.5V
VO = 0.4V
Rank: O
15
%
Low level output
voltage
VOL
IF = 16mA, VCC = 4.5V,
IO = 1.1mA
(Rank 0: IO = 2.4mA)
0.4
V
Isolation resistance
RS
R.H.≤ 60%, VS = 500VDC
(Note 7)
5×10
10
10
14
Capacitance between
input to output
CS
VS = 0, f = 1MHz
(Note 7)
0.8
pF
Switching Characteristics (Ta = 25°C, VCC = 5V)
Characteristic
Symbol
Test
Cir
cuit
Test Condition
Min.
Typ.
Max.
Unit
IF = 0→16mA, VCC = 5V,
0.2
0.8
Propagation delay time
(H
→L)
tpHL
RL=4.1kΩ Rank O: RL=1.9kΩ
0.3
0.8
μs
IF = 16→ 0mA, VCC = 5V,
1.0
2.0
Propagation delay time
(L
→H)
tpLH
1
RL=4.1kΩ Rank O: RL=1.9kΩ
0.5
1.2
μs
Common mode transient
immunity at logic high
output
(Note 8)
CMH
IF = 0mA, VCM = 200Vp−p
RL = 4.1kΩ
(Rank O: RL = 1.9kΩ)
400
V / μs
Common mode transient
immunity at logic low
output
(Note 8)
CML
2
IF =16mA, VCM = 200Vp−p
RL = 4.1kΩ
(Rank O: RL = 1.9kΩ)
−1000
V / μs


同様の部品番号 - TLP651

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP651 TOSHIBA-TLP651 Datasheet
322Kb / 7P
   DIGITAL LOGIC GROUND ISOLATION LINE RECEIVER
More results

同様の説明 - TLP651

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP719 TOSHIBA-TLP719_07 Datasheet
205Kb / 7P
   Microprocessor system interfaces
TLP558 TOSHIBA-TLP558_07 Datasheet
218Kb / 7P
   Microprocessor System Interfaces
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
Xilinx, Inc
DS583 XILINX-DS583 Datasheet
658Kb / 15P
   System ACE Microprocessor Interface
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com