データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1357 データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 2SA1357
部品情報  Strobe Flash Applications Audio Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1357 データシート(HTML) 1 Page - Toshiba Semiconductor

  2SA1357_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1357_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1357_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1357_07 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1357
2006-11-09
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA1357
Strobe Flash Applications
Audio Power Amplifier Applications
• hFE(1) = 100 to 320 (VCE = −2 V, IC = −0.5 A)
• hFE(2) = 70 (min) (VCE = −2 V, IC = −4 A)
• Low saturation voltage: VCE (sat) = −1.0 V (max)
(IC = −4 A, IB = −0.1 A)
• High power dissipation: PC = 10 W (Tc = 25°C),
PC = 1.5 W (Ta = 25°C)
Absolute Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−35
V
Collector-emitter voltage
VCEO
−20
V
Emitter-base voltage
VEBO
−8
V
DC
IC
−5
Collector current
Pulsed
(Note 1)
ICP
−8
A
Base current
IB
−1
A
Ta = 25°C
1.5
Collector power
dissipation
Tc = 25°C
PC
10
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Pulse test: Pulse width = 10 ms (max)
Duty cycle = 30% (max)
Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
JEITA
TOSHIBA
2-8H1A
Weight: 0.82 g (typ.)


同様の部品番号 - 2SA1357_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SA1357 TOSHIBA-2SA1357 Datasheet
151Kb / 2P
   TRANSISTOR (STROBE FLASH, AUDIO POWER AMPLIFIER APPLICATIONS)
logo
TRANSYS Electronics Lim...
2SA1357 TEL-2SA1357 Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
logo
Inchange Semiconductor ...
2SA1357 ISC-2SA1357 Datasheet
106Kb / 2P
   isc Silicon PNP Power Transistor
logo
SHENZHEN YONGERJIA INDU...
2SA1357 WINNERJOIN-2SA1357 Datasheet
109Kb / 1P
   TRANSISTOR (PNP)
logo
Foshan Blue Rocket Elec...
2SA1357 FOSHAN-2SA1357 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package
More results

同様の説明 - 2SA1357_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SA1893 TOSHIBA-2SA1893_06 Datasheet
150Kb / 5P
   Strobe Flash Applications Audio Power Amplifier Applications
2SA1327A TOSHIBA-2SA1327A_06 Datasheet
140Kb / 4P
   Strobe Flash Applications Audio Power Amplifier Applications
2SA1314 TOSHIBA-2SA1314_07 Datasheet
159Kb / 4P
   Strobe Flash Applications Audio Power Applications
2SA1357 TOSHIBA-2SA1357 Datasheet
151Kb / 2P
   TRANSISTOR (STROBE FLASH, AUDIO POWER AMPLIFIER APPLICATIONS)
2SA1327A TOSHIBA-2SA1327A Datasheet
152Kb / 2P
   TRANSISTOR (STROBE FLASH, AUDIO POWER AMPLIFIER APPLICATIONS)
2SC4683 TOSHIBA-2SC4683 Datasheet
184Kb / 3P
   STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS
2SA1160 TOSHIBA-2SA1160_07 Datasheet
150Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_07 Datasheet
158Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4684 TOSHIBA-2SC4684_05 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4685 TOSHIBA-2SC4685_04 Datasheet
131Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com