データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74HC7240AF データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TC74HC7240AF
部品情報  Octal Bus Buffer (with schmitt trigger inputs)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC7240AF データシート(HTML) 4 Page - Toshiba Semiconductor

  TC74HC7240AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC7240AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC7240AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC7240AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC7240AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC7240AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC7240AF Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC74HC7240,7244AP/AF
2007-10-01
4
AC Characteristics (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
40 to 85°C
Characteristics
Symbol
CL (pF) VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
50
2.0
4.5
6.0
25
7
6
60
12
10
75
15
13
ns
50
2.0
4.5
6.0
50
15
13
125
25
21
155
31
26
Propagation delay
time
tpLH
tpHL
150
2.0
4.5
6.0
67
20
17
165
33
28
205
41
35
ns
50
2.0
4.5
6.0
68
21
16
150
30
26
190
38
32
Output enable time
tpZL
tpZH
RL = 1 kΩ
150
2.0
4.5
6.0
84
26
20
165
37
31
230
46
39
ns
Output disable time
tpLZ
tpHZ
RL = 1 kΩ
50
2.0
4.5
6.0
48
21
19
150
30
26
190
38
32
ns
Input capacitance
CIN
5
10
10
pF
Output capacitance
COUT
10
pF
TC74HC7240A
33
Power dissipation
capacitance
CPD
(Note) TC74HC7244A
34
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)


同様の部品番号 - TC74HC7240AF

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC7240AF TOSHIBA-TC74HC7240AF Datasheet
215Kb / 5P
   OCTAL BUS BUFFER (WITH SCHMITT TRIGGER INPUTS)
More results

同様の説明 - TC74HC7240AF

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC7240AP TOSHIBA-TC74HC7240AP Datasheet
215Kb / 5P
   OCTAL BUS BUFFER (WITH SCHMITT TRIGGER INPUTS)
logo
Renesas Technology Corp
HD74LV1GW17A RENESAS-HD74LV1GW17A_15 Datasheet
156Kb / 7P
   Dual Buffer with Schmitt Trigger Inputs
HD74LV1GW17A RENESAS-HD74LV1GW17A_06 Datasheet
86Kb / 6P
   Dual Buffer with Schmitt Trigger Inputs
HD74LV1GW17A RENESAS-HD74LV1GW17A Datasheet
72Kb / 8P
   Dual Buffer with Schmitt Trigger Inputs
logo
Toshiba Semiconductor
TC74VHCV240FK TOSHIBA-TC74VHCV240FK Datasheet
199Kb / 9P
   Octal Schmitt Bus Buffer
TC74VHCV540FK TOSHIBA-TC74VHCV540FK Datasheet
201Kb / 9P
   Octal Schmitt Bus Buffer
logo
Fairchild Semiconductor
NC7NZ17 FAIRCHILD-NC7NZ17 Datasheet
219Kb / 8P
   TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs
NC7WZ17 FAIRCHILD-NC7WZ17_12 Datasheet
379Kb / 9P
   TinyLogic짰 UHS Dual Buffer with Schmitt Trigger Inputs
NC7NZ17 FAIRCHILD-NC7NZ17_05 Datasheet
211Kb / 8P
   TinyLogic UHS Triple Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17_V01 Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com