データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74HC40102AP データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC74HC40102AP
部品情報  Dual BCD Programmable Down Counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC40102AP データシート(HTML) 1 Page - Toshiba Semiconductor

  TC74HC40102AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC40102AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC40102AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC40102AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC40102AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC40102AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC40102AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC40102AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC40102AP_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TC74HC40102,40103AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC40102AP,TC74HC40102AF
TC74HC40103AP,TC74HC40103AF
TC74HC40102AP/AF Dual BCD Programmable Down Counter
TC74HC40103AP/AF 8-Bit Binary Programmable Down Counter
The TC74HC40102A and TC74HC40103A are high speed
CMOS PROGRAMMABLE DOWN COUNTERS fabricated with
silicon gate C2MOS technology.
They achieve the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The output terminal ( CO/ZD ) goes to an active low state when
the down count reaches zero. Since the TC74HC40102A is
designed as a BCD counter, programming up to 99 counts is
possible. The TC74HC40103A, with its 8-bit binary construction,
can be set to provide up to 255 counts.
Both devices have Inhibit Clock ( CI/CE ), Asynchronous Preset
Control (
APE ), Synchronous Preset ( SPE ) and Clear Control
( CLR ) inputs for setting the counter to the maximum counting
mode.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax 40 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 40102B, 40103B
Pin Assignment
TC74HC40102AP, TC74HC40103AP
TC74HC40102AF, TC74HC40103AF
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)


同様の部品番号 - TC74HC40102AP_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP Datasheet
430Kb / 11P
   DUAL BCD/8-BIT BINARY PROGRAMMABLE DOWN COUNTER
More results

同様の説明 - TC74HC40102AP_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP Datasheet
430Kb / 11P
   DUAL BCD/8-BIT BINARY PROGRAMMABLE DOWN COUNTER
logo
NXP Semiconductors
HEF4522B PHILIPS-HEF4522B Datasheet
107Kb / 10P
   Programmable 4-bit BCD down counter
January 1995
logo
ON Semiconductor
MC14569B ONSEMI-MC14569B Datasheet
286Kb / 16P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
March, 2000 ??Rev. 3
MC14569B ONSEMI-MC14569B_14 Datasheet
145Kb / 12P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
July, 2014 ??Rev. 8
logo
NXP Semiconductors
74HC4510 PHILIPS-74HC4510 Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
logo
Hitachi Semiconductor
HD14510B HITACHI-HD14510B Datasheet
88Kb / 6P
   BCD Up/Down Counter
logo
Motorola, Inc
MC14510B MOTOROLA-MC14510B Datasheet
284Kb / 10P
   BCD Up/Down Counter
logo
ON Semiconductor
MC14569B ONSEMI-MC14569B_05 Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
logo
NXP Semiconductors
HEF4510B PHILIPS-HEF4510B Datasheet
135Kb / 10P
   BCD up/down counter
January 1995
HEF4518B PHILIPS-HEF4518B Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com