データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74HCT540AP データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC74HCT540AP
部品情報  Octal Bus Buffer with TTL Input Level
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT540AP データシート(HTML) 1 Page - Toshiba Semiconductor

  TC74HCT540AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT540AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT540AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT540AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT540AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT540AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT540AP Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC74HCT540,541AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HCT540AP,TC74HCT540AF
TC74HCT541AP,TC74HCT541AF
Octal Bus Buffer with TTL Input Level
TC74HCT540AP/AF
Inverting, 3-State
Outputs
TC74HCT541AP/AF
Non-Inverting,
3-State Outputs
The TC74HCT540A/TC74HCT541A are high speed CMOS
OCTAL BUS BUFFERs fabricated with silicon gate C2MOS
technology.
These devices may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels.
They achive the high speed operation similar to equivalent
LSTTL while maintaing the CMOS low power dissipation.
The TC74HCT540A is an inverting type, and the
TC74HCT541A is a non-inverting type.
When either
1
G
or
2
G
are high, the terminal outputs are in
the high-impedance state.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 10 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Wide interfacing ability: LSTTL, NMOS, CMOS
• Output drive capability: 15 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 6 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74LS540/541
TC74HCT540AP, TC74HCT541AP
TC74HCT540AF, TC74HCT541AF
Weight
DIP20-P-300-2.54A
: 1.30 g (typ.)
SOP20-P-300-1.27A
: 0.22 g (typ.)


同様の部品番号 - TC74HCT540AP

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HCT540AP TOSHIBA-TC74HCT540AP Datasheet
236Kb / 6P
   OCTAL BUS BUFFER WITH TTL INPUT LEVEL. INVERTING/NON-INVERTING, 3-STATE OUTPUTS
More results

同様の説明 - TC74HCT540AP

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HCT240AP TOSHIBA-TC74HCT240AP_07 Datasheet
270Kb / 8P
   Octal Bus Buffer with TTL Input Level
TC74HCT540AP TOSHIBA-TC74HCT540AP Datasheet
236Kb / 6P
   OCTAL BUS BUFFER WITH TTL INPUT LEVEL. INVERTING/NON-INVERTING, 3-STATE OUTPUTS
TC74HCT240AP TOSHIBA-TC74HCT240AP Datasheet
241Kb / 6P
   OCTAL BUS BUFFER WITH TTL INPUT LEVEL. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
logo
Rochester Electronics
54FCT244 ROCHESTER-54FCT244 Datasheet
529Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com