データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA48LS025F データシート(PDF) 8 Page - Toshiba Semiconductor

部品番号 TA48LS025F
部品情報  300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48LS025F データシート(HTML) 8 Page - Toshiba Semiconductor

Back Button TA48LS025F Datasheet HTML 3Page - Toshiba Semiconductor TA48LS025F Datasheet HTML 4Page - Toshiba Semiconductor TA48LS025F Datasheet HTML 5Page - Toshiba Semiconductor TA48LS025F Datasheet HTML 6Page - Toshiba Semiconductor TA48LS025F Datasheet HTML 7Page - Toshiba Semiconductor TA48LS025F Datasheet HTML 8Page - Toshiba Semiconductor TA48LS025F Datasheet HTML 9Page - Toshiba Semiconductor TA48LS025F Datasheet HTML 10Page - Toshiba Semiconductor TA48LS025F Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TA48LS015, 018, 025, 033, 05F
2007-06-22
8
0
0.4
1.2
1.6
0
40
80
120
160
200
0.8
25.4×25.4×0.8mm
Refer to Note 5 for the
pattern when mounted on
a glass epoxy board.
PDmax – Ta
VOUT – Tj
VOUT – VIN
I B – VIN
I B – Tj
Ambient temperature Ta (°C)
Junction temperature Tj (°C)
Input voltage VIN (V)
Input voltage VIN (V)
Junction temperature Tj (°C)
I B – IOUT
Output current IOUT (mA)
3.1
3.5
150
−50
3.3
3.4
50
3.2
0
100
TA48LS033F
VIN = 5.3 V
I OUT = 5 mA
0
4
8
0
2
3
1
4
6
TA48LS033F
Tj = 25°C
150 mA
IOUT = 5 mA
IOUT = 5 mA
0
10
2
150
−50
50
0
100
TA48LS033F
VIN = 5.3 V
6
300 mA
300
0
100
TA48LS033F
VIN = 5.3 V
Tj = 25°C
200
IOUT = 150 mA
8
0
4
2
6
TA48LS033F
Tj = 25°C
0
20
8
12
50 mA
5 mA
2
16
4
4
8
0
10
2
6
4
8
50 mA


同様の部品番号 - TA48LS025F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA48LS00F TOSHIBA-TA48LS00F Datasheet
309Kb / 9P
   300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
More results

同様の説明 - TA48LS025F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA48LS00F TOSHIBA-TA48LS00F Datasheet
309Kb / 9P
   300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA58MS05F TOSHIBA-TA58MS05F Datasheet
209Kb / 9P
   500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
logo
Toshiba Semiconductor
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
   1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S00AF TOSHIBA-TA48S00AF Datasheet
227Kb / 10P
   1A Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA58LT00F TOSHIBA-TA58LT00F Datasheet
221Kb / 10P
   150 mA Output Current and Tracking Regulator with ON/OFF Control Switch
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com