データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA48S025F データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TA48S025F
部品情報  1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48S025F データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TA48S025F Datasheet HTML 2Page - Toshiba Semiconductor TA48S025F Datasheet HTML 3Page - Toshiba Semiconductor TA48S025F Datasheet HTML 4Page - Toshiba Semiconductor TA48S025F Datasheet HTML 5Page - Toshiba Semiconductor TA48S025F Datasheet HTML 6Page - Toshiba Semiconductor TA48S025F Datasheet HTML 7Page - Toshiba Semiconductor TA48S025F Datasheet HTML 8Page - Toshiba Semiconductor TA48S025F Datasheet HTML 9Page - Toshiba Semiconductor TA48S025F Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TA48S018,02,025,03,033,05F
2006-11-06
6
TA48S033F
Electrical Characteristics
(Unless otherwise specified, VEN = 5.3 V, CIN = 0.33 μF, COUT = 10 μF, Tj = 25°C)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 5.3 V, IOUT = 0.5 A
3.2
3.3
3.4
Output voltage
VOUT
4.3 V <= VIN <= 12 V, 5 mA <= IOUT <= 1 A,
0°C <= Tj <= 125°C
3.152
3.3
3.448
V
Line regulation
Reg・line
4.3 V <= VIN <= 12 V, IOUT = 0.5 A
5
20
mV
Load regulation
Reg・load
VIN = 5.3 V, 5 mA <= IOUT <= 1 A
5
20
mV
4.3 V <= VIN <= 12 V, IOUT = 0 A
0.8
1.8
Quiescent current
IB
4.3 V <= VIN <= 12 V, IOUT = 1 A
10
20
mA
VIN = 2.1 V, IOUT = 0 A
1.1
5
Starting quiescent current
IBstart
VIN = 2.9 V, IOUT = 1 A
13
30
mA
Output noise voltage
VNO
VIN = 5.3 V, IOUT = 50 mA,
10 Hz <= f <= 100 kHz
115
μVrms
Ripple rejection
R.R.
4.3 V <= VIN <= 12 V, IOUT = 50 mA,
f
= 120 Hz
48
61
dB
IOUT = 0.5 A
0.2
0.5
Dropout voltage
VD
IOUT = 1 A
0.3
V
Quiescent current (OFF mode)
IB(OFF)
VEN = 0.4 V, 4.3 V <= VIN <= 12 V
0.5
5
μA
Output control voltage (ON)
VEN(ON)
IOUT = 0.1 A
2
V
Output control voltage (OFF)
VEN(OFF)
0.8
V
Output control current (ON)
IEN(ON)
VIN = VEN = 5.3 V, IOUT = 0.1 A
35
100
μA
Output control current (OFF)
IEN(OFF)
VIN = 5.3 V, VEN = 0 V
0.1
2
μA
TA48S05F
Electrical Characteristics
(Unless otherwise specified, VEN = 7.0 V, CIN = 0.33 μF, COUT = 10 μF, Tj = 25°C)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 7 V, IOUT = 0.5 A
4.85
5.0
5.15
Output voltage
VOUT
6.0 V <= VIN <= 12 V, 5 mA <= IOUT <= 1 A,
0°C <= Tj <= 125°C
4.775
5.0
5.225
V
Line regulation
Reg・line
6.0 V <= VIN <= 12 V, IOUT = 0.5 A
5
20
mV
Load regulation
Reg・load
VIN = 7.0 V, 5 mA <= IOUT <= 1 A
5
30
mV
6.0 V <= VIN <= 12 V, IOUT = 0 A
0.8
1.8
Quiescent current
IB
6.0 V <= VIN <= 12 V, IOUT = 1 A
10
20
mA
VIN = 2.1 V, IOUT = 0 A
1.3
5
Starting quiescent current
IBstart
VIN = 3.0 V, IOUT = 1 A
14
30
mA
Output noise voltage
VNO
VIN = 7.0 V, IOUT = 50 mA,
10 Hz <= f <= 100 kHz
150
μVrms
Ripple rejection
R.R.
6.0 V <= VIN <= 12 V, IOUT = 50 mA,
f
= 120 Hz
48
60
dB
IOUT = 0.5 A
0.2
0.5
Dropout voltage
VD
IOUT = 1 A
0.3
V
Quiescent current (OFF mode)
IB(OFF)
VEN = 0.4 V, 6.0 V <= VIN <= 12 V
0.5
5
μA
Output control voltage (ON)
VEN(ON)
IOUT = 0.1 A
2
V
Output control voltage (OFF)
VEN(OFF)
0.8
V
Output control current (ON)
IEN(ON)
VIN = VEN = 7.0 V, IOUT = 0.1 A
50
100
μA
Output control current (OFF)
IEN(OFF)
VIN = 7.0 V, VEN = 0 V
0.1
2
μA


同様の部品番号 - TA48S025F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA48S025AF TOSHIBA-TA48S025AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
More results

同様の説明 - TA48S025F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
   300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA58MS05F TOSHIBA-TA58MS05F Datasheet
209Kb / 9P
   500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S00AF TOSHIBA-TA48S00AF Datasheet
227Kb / 10P
   1A Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS00F TOSHIBA-TA48LS00F Datasheet
309Kb / 9P
   300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com