データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA58L12F データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TA58L12F
部品情報  250 mA Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA58L12F データシート(HTML) 3 Page - Toshiba Semiconductor

  TA58L12F Datasheet HTML 1Page - Toshiba Semiconductor TA58L12F Datasheet HTML 2Page - Toshiba Semiconductor TA58L12F Datasheet HTML 3Page - Toshiba Semiconductor TA58L12F Datasheet HTML 4Page - Toshiba Semiconductor TA58L12F Datasheet HTML 5Page - Toshiba Semiconductor TA58L12F Datasheet HTML 6Page - Toshiba Semiconductor TA58L12F Datasheet HTML 7Page - Toshiba Semiconductor TA58L12F Datasheet HTML 8Page - Toshiba Semiconductor TA58L12F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TA58L05, 06, 08, 09, 10, 12, 15F
2006-11-02
3
Absolute Maximum Rating (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
DC
VIN (DC)
29
V
Input voltage
Pulse
VIN (Pulse)
60(τ=200ms)
V
Output current
IOUT
250
mA
Operating temperature
Topr
−40~105
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55~150
°C
Ta
= 25°C
1
Power dissipation
Tc
= 25°C
PD
10
W
Note 3: Do not apply current and voltage (including reverse polarity) to any pin that is not specified.
Note 4: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, junction to ambient
Rth (j−a)
125
/ W
Thermal resistance, junction to case
Rth (j−c)
12.5
/ W
Protection Function (Reference)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Thermal shutdown
TSD
VIN = 14 V (05~06F)/ 16 V (08~10F)/
18 V (12F)/ 20 V (15F)
170
°C
Peak circuit current
I PEAK
VIN = 14 V (05~06F)/ 16 V (08~10F)/
18 V (12F)/ 20 V (15F), Tj = 25°C
600
mA
Short circuit current
I SC
VIN = 14 V (05~06F)/ 16 V (08~10F)/
18 V (12F)/ 20 V (15F), Tj = 25°C
330
mA
Overvoltage protection
VIN
Tj = 25°C
29
33
V
Note 5: Ensure that the devices operate within the limits of the maximum rating when in actual use.
Note 6: When the input voltage exceeds 29 V, the overvoltage protection circuit is activated to turn off the output
voltage.


同様の部品番号 - TA58L12F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA58L12S TOSHIBA-TA58L12S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
More results

同様の説明 - TA58L12F

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
logo
Texas Instruments
TPS766 TI1-TPS766 Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com