データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA78DS05F データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TA78DS05F
部品情報  Low Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78DS05F データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TA78DS05F Datasheet HTML 2Page - Toshiba Semiconductor TA78DS05F Datasheet HTML 3Page - Toshiba Semiconductor TA78DS05F Datasheet HTML 4Page - Toshiba Semiconductor TA78DS05F Datasheet HTML 5Page - Toshiba Semiconductor TA78DS05F Datasheet HTML 6Page - Toshiba Semiconductor TA78DS05F Datasheet HTML 7Page - Toshiba Semiconductor TA78DS05F Datasheet HTML 8Page - Toshiba Semiconductor TA78DS05F Datasheet HTML 9Page - Toshiba Semiconductor TA78DS05F Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TA78DS05,06,08,09,10,12,15F,05AF
2006-12-04
6
TA78DS12F
Electrical Characteristics
(Unless otherwise specified, VIN = 18 V, IOUT = 5 mA, CIN = 0.1 μF, COUT = 3.3 μF, Tj = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
12.35 V ≤ VIN ≤ 26 V
11.4
12.0
12.6
Output voltage
VOUT
12.35 V ≤ VIN ≤ 26 V,
−40°C ≤ Ta ≤ 85°C
10.8
12.0
13.2
V
16 V ≤ VIN ≤ 23 V
4
50
Line regulation
Reg·line
13 V ≤ VIN ≤ 26 V
8
100
mV
Load regulation
Reg·load
5.0 mA ≤ IOUT ≤ 30 mA
2
120
mV
IOUT = 0 mA
0.8
1.5
Quiescent current
IB
13 V ≤ VIN ≤ 26 V,
IOUT = 5 mA
1.0
1.5
mA
IOUT = 5 mA
0.1
0.2
Dropout voltage
VD
IOUT = 10 mA
0.2
0.3
V
Max operating voltage
VIN
29
33
V
TA78DS15F
Electrical Characteristics
(Unless otherwise specified, VIN = 20 V, IOUT = 5 mA, CIN = 0.1 μF, COUT = 3.3 μF, Tj = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
15.35 V ≤ VIN ≤ 26 V
14.25
15.0
15.75
Output voltage
VOUT
15.35 V ≤ VIN ≤ 26 V,
−40°C ≤ Ta ≤ 85°C
13.5
15.0
16.5
V
19 V ≤ VIN ≤ 26 V
5
60
Line regulation
Reg·line
16 V ≤ VIN ≤ 26 V
8
130
mV
Load regulation
Reg·load
5.0 mA ≤ IOUT ≤ 30 mA
1
150
mV
IOUT = 0 mA
1.0
1.6
Quiescent current
IB
16 V ≤ VIN ≤ 26 V,
IOUT = 5 mA
1.2
1.6
mA
IOUT = 5 mA
0.1
0.2
Dropout voltage
VD
IOUT = 10 mA
0.2
0.3
V
Max operating voltage
VIN
29
33
V


同様の部品番号 - TA78DS05F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA78DS05F TOSHIBA-TA78DS05F Datasheet
310Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
More results

同様の説明 - TA78DS05F

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com