データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA78L009AP データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TA78L009AP
部品情報  Three-Terminal Positive Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78L009AP データシート(HTML) 1 Page - Toshiba Semiconductor

  TA78L009AP Datasheet HTML 1Page - Toshiba Semiconductor TA78L009AP Datasheet HTML 2Page - Toshiba Semiconductor TA78L009AP Datasheet HTML 3Page - Toshiba Semiconductor TA78L009AP Datasheet HTML 4Page - Toshiba Semiconductor TA78L009AP Datasheet HTML 5Page - Toshiba Semiconductor TA78L009AP Datasheet HTML 6Page - Toshiba Semiconductor TA78L009AP Datasheet HTML 7Page - Toshiba Semiconductor TA78L009AP Datasheet HTML 8Page - Toshiba Semiconductor TA78L009AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TA78L005,006,007,075,008,009,10,12,132,15,18,20,24AP
2006-11-02
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA78L005AP, TA78L006AP, TA78L007AP, TA78L075AP, TA78L008AP,
TA78L009AP, TA78L010AP, TA78L012AP, TA78L132AP,
TA78L015AP, TA78L018AP, TA78L020AP, TA78L024AP
Three-Terminal Positive Regulators
5 V, 6 V, 7 V, 7.5 V, 8 V, 9 V, 10 V, 12 V, 13.2 V, 15 V, 18 V, 20 V, 24 V
Features
Suitable for TTL, C2MOS power supply.
Internal short-circuit current limiting.
Internal thermal overload protection.
Maximum output current of 150 mA (Tj = 25°C).
Available in a plastic TO-92MOD package.
Pin Assignment
OUT
2
3
GND
IN
Marking side
1
Marking
Equivalent Circuit
Weight: 0.36 g (Typ.)
TA78L
***AP
Lot No.
(weekly code)
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


同様の部品番号 - TA78L009AP

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA78L009AP TOSHIBA-TA78L009AP Datasheet
668Kb / 20P
   THREE TERMINAL POSIVIVE REGULATORS
More results

同様の説明 - TA78L009AP

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM140JAN NSC-LM140JAN Datasheet
535Kb / 12P
   Three Terminal Positive Regulators
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com