データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA78M08F データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TA78M08F
部品情報  Output Current of 0.5 A, Three-Terminal Positive Voltage Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78M08F データシート(HTML) 4 Page - Toshiba Semiconductor

  TA78M08F Datasheet HTML 1Page - Toshiba Semiconductor TA78M08F Datasheet HTML 2Page - Toshiba Semiconductor TA78M08F Datasheet HTML 3Page - Toshiba Semiconductor TA78M08F Datasheet HTML 4Page - Toshiba Semiconductor TA78M08F Datasheet HTML 5Page - Toshiba Semiconductor TA78M08F Datasheet HTML 6Page - Toshiba Semiconductor TA78M08F Datasheet HTML 7Page - Toshiba Semiconductor TA78M08F Datasheet HTML 8Page - Toshiba Semiconductor TA78M08F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TA78M05,06,08,09,10,12,15,18,20,24F
2007-02-19
4
TA78M06F
Electrical Characteristics
(Unless otherwise specified, VIN = 11 V, IOUT = 350 mA, 0°C Tj 125°C, CIN = 0.33 μF,
COUT = 0.1 μF)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C
5.75
6.0
6.25
V
8 V ≤ VIN ≤ 25 V,
IOUT = 200 mA
4
100
Line regulation
Reg·line
1
Tj = 25°C
9 V ≤ VIN ≤ 25 V,
IOUT = 200 mA
2
50
mV
5 mA ≤ IOUT ≤ 500 mA
25
120
Load regulation
Reg·load
1
Tj = 25°C
5 mA ≤ IOUT ≤ 200 mA
10
60
mV
Output voltage
VOUT
1
Tj = 25°C
8 V ≤ VIN ≤ 21 V,
5 mA ≤ IOUT ≤ 350 mA
5.7
6.3
V
Quiescent current
IB
1
Tj = 25°C
4.5
8.0
mA
Line
ΔIBI
1
9.5 V ≤ VIN ≤ 25.5 V,
IOUT = 200 mA
0.8
Quiescent current
change
Load
ΔIBO
1
Tj = 25°C
5 mA ≤ IOUT ≤ 350 mA
0.5
mA
Output noise voltage
VNO
2
Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz
55
220
μVrms
Ripple rejection
R.R.
3
f = 120 Hz, IOUT = 100 mA,
9 V ≤ VIN ≤ 19 V, Tj = 25°C
58
65
dB
Short circuit current limit
ISC
1
Tj = 25°C
960
mA
Dropout voltage
VD
1
Tj = 25°C
1.7
V
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5 mA
−0.7
mV/°C


同様の部品番号 - TA78M08F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA78M08F TOSHIBA-TA78M08F Datasheet
669Kb / 20P
   0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results

同様の説明 - TA78M08F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA78M05SB TOSHIBA-TA78M05SB_07 Datasheet
769Kb / 20P
   Output Current of 0.5 A, Three-Terminal Positive Voltage Regulators
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Toshiba Semiconductor
TA79005SB TOSHIBA-TA79005SB_07 Datasheet
601Kb / 13P
   Output Current of 1A, Three-Terminal Negative Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com