データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1372FNG データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TA1372FNG
部品情報  VHF Band RF Modulator IC for VCRs and Set top boxes
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1372FNG データシート(HTML) 1 Page - Toshiba Semiconductor

  TA1372FNG Datasheet HTML 1Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 2Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 3Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 4Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 5Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 6Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 7Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 8Page - Toshiba Semiconductor TA1372FNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TA1372FNG
2003-12-25
1
TOSHIBA Bipolar Linear Integrated Circuit
Silicon Monolithic
T A 1 3 7 2 F N G
VHF Band RF Modulator IC for VCRs and Set top boxes
The TA1372FNG is a VHF band RF modulator IC that features
PLL-based RF carrier and sound intercarrier oscillation.
There is no external parts of RF Oscillator and Sound Oscillator.
Therefore, PCB design and adjustment with much time are not
required.
The TA1372FNG is compatible with CH 3 & CH 4 (U.S.A. channel)
of NTSC television system.
Features
RF Oscillator is all built in IC and external tank circuit is not required.
(U.S.A. channels CH 3 & CH 4)
• Sound Oscillator is all built in IC and external tank circuit is not required.
Formats supported: System M
• The Picture to Sound ratio is set up by external resistance.
• Muted RF output on power-on and as required.
Reference signal can use 4MHz and 3.579545MHz.
These modes are selected by pin 1.
In Carrier off mode, Supply current is saved by stopping Sound VCO.
There is White Clip Through Mode in test mode.
Package is improved to Lead-Free
SSOP16-P-225-0.65B
Weight: 0.07 g (typ.)


同様の部品番号 - TA1372FNG

メーカー部品番号データシート部品情報
logo
Transko Electronics, In...
TA1370BM1 TRANSKO-TA1370BM1 Datasheet
434Kb / 4P
   Wireless, RF SAW Filter
Revision 0: April 2011
logo
Toshiba Semiconductor
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG_05 Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
logo
TAI-SAW TECHNOLOGY CO.,...
TA1375A TAI-SAW-TA1375A Datasheet
417Kb / 7P
   SAW Filter 880 MHz
More results

同様の説明 - TA1372FNG

メーカー部品番号データシート部品情報
logo
New Japan Radio
NJM2519A NJRC-NJM2519A Datasheet
135Kb / 8P
   RF Modulator for VHF Band
NJM2536A NJRC-NJM2536A Datasheet
125Kb / 9P
   RF Modulator for VHF Band
logo
Sanyo Semicon Device
LA7160M SANYO-LA7160M Datasheet
39Kb / 3P
   VHF Band RF Modulator
LA7161V SANYO-LA7161V Datasheet
78Kb / 5P
   VHF Band RF Modulator
logo
Texas Instruments
TPS65230 TI-TPS65230 Datasheet
937Kb / 26P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
TPS65230 TI1-TPS65230_15 Datasheet
1Mb / 30P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
logo
STMicroelectronics
DTTI5516 STMICROELECTRONICS-DTTI5516 Datasheet
87Kb / 2P
   Single module demodulator and decoder IC for digital video set-top boxes
QAMI5516 STMICROELECTRONICS-QAMI5516 Datasheet
54Kb / 2P
   Single module demodulator and decoder IC for digital video set-top boxes
March 2004
logo
Pulse A Technitrol Comp...
C6026 PULSE-C6026 Datasheet
139Kb / 5P
   DIPLEXERS FOR CABLE MODEMS, SET TOP BOXES AND GATEWAYS
logo
Sanyo Semicon Device
LA77000V SANYO-LA77000V Datasheet
209Kb / 8P
   Monolithic Linear IC VHF Band RF Modulator (US3, 4ch Compatible)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com