データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1384FNG データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TA1384FNG
部品情報  Mixer/Oscillator and PLL IC for TV/VCR Tuner
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1384FNG データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TA1384FNG Datasheet HTML 2Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 3Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 4Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 5Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 6Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 7Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 8Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 9Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TA1384FNG
2004/11/24
6
Maximum Ratings
CHARACTERISTIC
PIN No
SYMBOL
RATING
UNIT
Vcc
19
Vcc
6
V
Tuning Amplifier Voltage Applied
21
VBT
38
V
Bus Data Voltage Applied
1, 2
SDA,SCL
-0.3~6
V
Pin for DC Voltage Applied Except
for GND and the Above Pins
-
VIN
-0.3~Vcc+0.3
V
RF Signal Input Level for Mixer
11,12
fin
120
dBuV
Power Dissipation
-
PD
890 (Note 3)
mW
Operating Temperature
-
Topr
-20~85
Storage Temperature
-
Tstg
-55~150
Note 2: The absolute maximum ratings of a semiconductor device are a set of specified parameter values that must not be
exceeded during operation, even for an instant.
If any of these rating are exceeded during operation, the electrical characteristics of the device may be irreparably
altered, in which case the reliability and lifetime of the device can no longer be guaranteed.
Moreover, any exceeding of the ratings during operation may cause breakdown, damage and/or degradation in other
equipment.
Applications using the device should be designed so that no maximum rating will ever be exceeded under any operating
conditions.
Before using, creating and/or producing designs, refer to and comply with the precautions and conditions set forth in
this documents.
Note 3: 50 × 50 × 1.6 mm, Cu 40% board used.
When using the device at above Ta = 25℃, decrease the power dissipation by 7.2 mW for each increase of 1℃.
Operating Supply Voltage
Pin No.
SYMBOL
MIN.
TYP.
MAX.
UNIT
19
Vcc
4.5
5.0
5.5
V
Electric Characteristics
DC Characteristics
(Unless otherwise specified, Vcc = 5 V, Ta = 25℃)
CHARACTERISTICS
SYMBOL
TEST
CIRCUIT
BAND
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Icc1
VHF
Bus data B1 = ON, (pin 4: Open)
49
62
75
Power Supply and Current
Icc2
1
UHF
Bus data B4 = ON, (pin 7: Open)
52
65.5
79.5
mA


同様の部品番号 - TA1384FNG

メーカー部品番号データシート部品情報
logo
Pico Technology Ltd.
TA138 PICO-TA138 Datasheet
6Mb / 9P
   Current data logger
logo
TAI-SAW TECHNOLOGY CO.,...
TA1381A TAI-SAW-TA1381A Datasheet
376Kb / 8P
   SAW Filter 978 MHz
logo
Toshiba Semiconductor
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
logo
TAI-SAW TECHNOLOGY CO.,...
TA1386A TAI-SAW-TA1386A Datasheet
460Kb / 8P
   SAW Filter 826.5 MHz
logo
Golledge Electronics Lt...
TA1386A GOLLEDGE-TA1386A Datasheet
167Kb / 6P
   SAW Filter 826.50MHz
More results

同様の説明 - TA1384FNG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
   1.3 GHz PLL for TV- and VCR- Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
logo
New Japan Radio
NJM2540 NJRC-NJM2540 Datasheet
122Kb / 8P
   Mixer and Oscillator for TV Tuner
NJM2531A NJRC-NJM2531A Datasheet
113Kb / 8P
   Mixer and Oscillator for TV Tuner
logo
Texas Instruments
SN761672ADAR TI-SN761672ADAR Datasheet
258Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
SN761672A TI-SN761672A Datasheet
268Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
logo
NXP Semiconductors
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com