データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA2008AN データシート(PDF) 8 Page - Toshiba Semiconductor

部品番号 TA2008AN
部品情報  5V AM / FM 1 Chip Tuner IC (for digital tuning system)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2008AN データシート(HTML) 8 Page - Toshiba Semiconductor

Back Button TA2008AN_02 Datasheet HTML 4Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 5Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 6Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 7Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 8Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 9Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 10Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 11Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TA2008AN
2002-10-30
8
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage
VCC
15
V
LED current
ILED
10
mA
LED voltage
VLED
15
V
Power dissipation
PD*
1200
mW
Operating temperature
Topr
-25~75
°C
Storage temperature
Tstg
-55~150
°C
* : Derated above Ta = 25°C in the proportion of 9.6mW / °C
Electrical Characteristics
Unless Otherwise Specified, Ta = 25°C, VCC = 5V, SW8: Off, F / E: f = 98MHz, fm = 1kHz
FM IF: f = 10.7MHz, ∆f = ±22.5kHz, fm = 1kHz
AM: f = 1MHz, MOD = 30%, fm = 1kHz
FM ST DET: fm = 1kHz
Characteristic
Symbol
Test
Cir
-
cuit
Test Condition
Min.
Typ.
Max.
Unit
ICC (FM)
Vin = 0, FM mode
27
36
Supply current
ICC (AM)
Vin = 0. AM mode
18
25
mA
Input limiting voltage
Vin (lim)
-3dB limiting
with respect to VOD level at
Vin = 60dBµV EMF
11
dBµV
EMF
Local OSC buffer
output voltage
VOSC
(buff) FM
fOSC = 108.7MHz
90
180
mVrms
Input limiting voltage
Vin (lim.) IF
-3dB limiting
with respect to VOD level at
Vin = 80dBµV EMF
40
45
50
dBµV
EMF
Recovered output
voltage
VOD
Vin = 80dBµV EMF
50
75
100
mVrms
Signal to noise ratio
S / N
Vin = 80dBµV EMF
70
dB
Total harmonic
distortion
THD
Vin = 80dBµV EMF
0.3
%
AM rejection ratio
AMR
Vin = 80dBµV EMF
50
dB
SD output sensitivity
VSD
VSD = VCC-0.1V
53
58
63
dBµV
EMF
IF count output
frequency
f1 / 8 IF (FM)
Vin = 80dBµV EMF, SW8: On
1.3373
1.3375
1.3377
MHz
IF count output
voltage
V1 / 8 IF (FM)
Vin = 80dBµV EMF,SW8: On
350
500
mVp-p
IF count output
sensitivity
IF sens (FM)
SW8: On
49
54
59
dBµV
EMF


同様の部品番号 - TA2008AN_02

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA2008ANG TOSHIBA-TA2008ANG Datasheet
638Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
More results

同様の説明 - TA2008AN_02

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA2008ANG TOSHIBA-TA2008ANG Datasheet
638Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
TA2008AN TOSHIBA-TA2008AN Datasheet
422Kb / 12P
   5V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
   3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2149BN TOSHIBA-TA2149BN Datasheet
243Kb / 15P
   3 V AM/FM 1 Chip Tuner IC (for Digital Tuning System)
logo
Silan Microelectronics ...
SA2104 SILAN-SA2104 Datasheet
422Kb / 12P
   3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
Toshiba Semiconductor
TS7792P TOSHIBA-TS7792P Datasheet
388Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Tiger Electronic Co.,Lt...
TA7792 TGS-TA7792 Datasheet
476Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Unisonic Technologies
TA8127 UTC-TA8127 Datasheet
144Kb / 8P
   3V AM / FM 1 CHIP TUNER IC
logo
Toshiba Semiconductor
TA2111N TOSHIBA-TA2111N Datasheet
598Kb / 18P
   3V AM/FM 1 CHIP TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com