データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA2125AF データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TA2125AF
部品情報  Power Driver IC for CD Player
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2125AF データシート(HTML) 4 Page - Toshiba Semiconductor

  TA2125AF Datasheet HTML 1Page - Toshiba Semiconductor TA2125AF Datasheet HTML 2Page - Toshiba Semiconductor TA2125AF Datasheet HTML 3Page - Toshiba Semiconductor TA2125AF Datasheet HTML 4Page - Toshiba Semiconductor TA2125AF Datasheet HTML 5Page - Toshiba Semiconductor TA2125AF Datasheet HTML 6Page - Toshiba Semiconductor TA2125AF Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TA2125AF
2003-10-07
4
Electrical Characteristics
(Unless otherwise specified, VCC =
=== 8 V, RL ==== 8 Ω
Ω, VBIAS ==== 2.1 V, f ==== 1 kHz, Ta ==== 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Operating supply voltage
VCC1, 2
5
8
9
V
Quiescent current
Iccq
VIN = VBIAS, RL = OPEN
(With out H-SW)
27
37
60
mA
4ch BTL Driver
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output offset voltage
VOS
Rg = 0
−50
10
50
mV
Maximum output voltage
VOM
VIN = 4 V/GND
4.5
5.1
V
Voltage gain
Gv
VIN = VBIAS ± 200 mV
14.0
15.2
16.4
dB
VSTB (on)
0.5
V
Stand-by 1 control voltage
VSTB (off)
3.0
V
Stand-by current
ISTB1
VIN = VBIAS, RL = OPEN
H-Bridge: Stand-by
5 V REG: Stand-by
1
µA
Regulator Reference Amp
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
Vreg
Io = 200 mA
Tr. 2SA1203Y
4.6
5
5.2
V
Vreg (on)
2.5
VCC
V
Regulator control voltage
Vreg (off)
GND
1.5
V
H-Bridge
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output saturation voltage
VCE
Io = 200 mA
1.3
1.4
V
Stand-by current
ISTB2
4ch BTL: Stand-by
5 V REG: Stand-by
1
µA
VHB (on)
2.5
VCC
V
Control voltage
VHB (off)
GND
0.7
V
H-Bridge Control Logic/VR Current (36pin)
Operation Mode
Fin
Rin
Out5A
Out5B
VR Current
Unit
Forward
H
L
L
H
19.5
mA
Revers
L
H
H
L
19.5
mA
Brake
H
H
L
L
30
mA
Stand-by
L
L
Open
Open
1
µA


同様の部品番号 - TA2125AF

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA2125AF TOSHIBA-TA2125AF Datasheet
101Kb / 7P
   Power Driver IC for CD Player
More results

同様の説明 - TA2125AF

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA2092N TOSHIBA-TA2092N_01 Datasheet
165Kb / 7P
   Power Driver IC for CD Player
TA2092N TOSHIBA-TA2092N Datasheet
263Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
TA2125AF TOSHIBA-TA2125AF Datasheet
101Kb / 7P
   Power Driver IC for CD Player
TA2058F TOSHIBA-TA2058F Datasheet
405Kb / 11P
   POWER DRIVER IC FOR CD PLAYER
TA8192F TOSHIBA-TA8192F Datasheet
224Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
TA2092AN TOSHIBA-TA2092AN Datasheet
207Kb / 7P
   Power Driver IC for CD Player
TA8212F TOSHIBA-TA8212F Datasheet
253Kb / 6P
   4CH POWER DRIVER IC FOR CD PLAYER
logo
Rohm
BA6292 ROHM-BA6292 Datasheet
145Kb / 5P
   POWER DRIVER FOR CD PLAYER
BA5961FV ROHM-BA5961FV Datasheet
96Kb / 7P
   Power driver for CD player
BA5962FVM ROHM-BA5962FVM Datasheet
80Kb / 5P
   Power driver for CD player
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com