データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA2160FNG データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TA2160FNG
部品情報  Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2160FNG データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TA2160FNG Datasheet HTML 2Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 3Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 4Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 5Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 6Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 7Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 8Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 9Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TA2160FNG
2004-05-11
6
Application Note
1.
Preamplifier Stage
Output DC voltage of preamplifier
Output DC voltage of preamplifier is determined by external resistors R1 and R2 as shown in
Figure 1.
VO (PRE) = VREF − ∆V × (R2/R1 + 1)
• VREF = 0.73 V (typ.)
VREF is changed when resistance is connected between RF OUT terminal and VREF IN terminal
(Refer to application note 3 (1)).
• ∆V is an offset voltage which is designed to 28.6 mV.
It is as follows in case that the DC voltage is calculated by the constant of a test circuit.
VO (PRE) = 0.73 V − 28.6 mV (200 kΩ/22 kΩ + 1)
= 0.44 V
Output DC voltage of preamplifier should be fixed about VCC/2, because preamplifier get a enough
dynamic range.
2.
Power Amplifier Stage
(1)
Input of power amplifier
Each input signal should be applied through a capacitor. In case that DC current or DC voltage is
applied to each amplifier, the internal circuit has unbalance and the each amplifier doesn’t operate
normally.
It is advised that input signal refer to VREF voltage, in order to reduce a pop noise or low frequency
leak.
(2)
Bass boost function
(a)
System
This IC has the bass boost function in power amplifier stage. After this system adds the low
frequency ingredient of side amplifier, it is applied into the center amplifier. And the bass boost
level is controlled by the variable impedance circuit (Figure 2)
• Flow of the bass boost signal
Variable impedance circuit → Boost amplifier → Center amplifier
• Flow of the bass boost level
Output of center amplifier → AGC DET (level detection) → Variable impedance
circuit operation
The system of treble boost function is realized by frequency characteristic adjustment of the
side amplifier.
VREF
R1
R2
∆V = 28.6 mV
Figure 1
Output DC Voltage of Preamplifier


同様の部品番号 - TA2160FNG

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA2160A TAI-SAW-TA2160A Datasheet
810Kb / 9P
   SAW Filter 1250MHz
logo
Transko Electronics, In...
TA2160AM TRANSKO-TA2160AM Datasheet
425Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: June 2005
TA2160CM TRANSKO-TA2160CM Datasheet
343Kb / 3P
   Wireless, RF SAW Filter
Revision 0: September 2007
TA2160DM TRANSKO-TA2160DM Datasheet
449Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2008
TA2160EM TRANSKO-TA2160EM Datasheet
426Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2008
More results

同様の説明 - TA2160FNG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
   3 V Stereo Headphone Amplifier (3 V USE)
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
TA2002F TOSHIBA-TA2002F Datasheet
757Kb / 17P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8119P TOSHIBA-TA8119P Datasheet
402Kb / 10P
   STEREO HEADPHONE AMPLIFIER (3V USE)
logo
Sanyo Semicon Device
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA7688F TOSHIBA-TA7688F Datasheet
446Kb / 11P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
logo
Sanyo Semicon Device
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
   1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com