データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PS20341-G データシート(PDF) 4 Page - Powerex Power Semiconductors

部品番号 PS20341-G
部品情報  Intellimod??Module Dual-In-Line Intelligent Power Module 3 Amperes/500 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWEREX [Powerex Power Semiconductors]
ホームページ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS20341-G データシート(HTML) 4 Page - Powerex Power Semiconductors

  PS20341-G Datasheet HTML 1Page - Powerex Power Semiconductors PS20341-G Datasheet HTML 2Page - Powerex Power Semiconductors PS20341-G Datasheet HTML 3Page - Powerex Power Semiconductors PS20341-G Datasheet HTML 4Page - Powerex Power Semiconductors PS20341-G Datasheet HTML 5Page - Powerex Power Semiconductors PS20341-G Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PS20341-G
Intellimod™ Module
Dual-In-Line Intelligent Power Module
3 Amperes/500 Volts
106
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Supply Voltage
VD
Applied between VP1-VNC, VN1-VNC
13.5
15.0
16.5
Volts
VDB
Applied between VUFB-VUFS,
13.5
15.0
16.5
Volts
VVFB-VVFS, VWFB-VWFS
Circuit Current
ID
VD = 15V, VCIN = 5V, VDB = 15V,
4.25
8.50
mA
Total of VP1-VNC, VN1-VNC
VD = 15V, VCIN = 0V, VDB = 15V,
4.95
9.70
mA
Total of VP1-VNC, VN1-VNC
VD = 15V, VCIN = 5V, VDB = 15V,
0.50
1.00
mA
VUFB-VUFS, VVFB-VVFS, VWFB-VWFS
VD = 15V, VCIN = 0V, VDB = 15V,
0.50
1.00
mA
VUFB-VUFS, VVFB-VVFS, VWFB-VWFS
Fault Output Voltage
VFOH
VSC = 0V, FO Circuit: 10k Ω to 5V Pull-up
4.9
——
Volts
VFOL
VSC = 1V, FO Circuit: 10k Ω to 5V Pull-up
0.8
1.2
Volts
VFO(sat)
VSC = 1V, IFO = 15mA
0.8
1.2
1.8
Volts
PWM Input Frequency
fPWM
Tj ≤ 125°C, Tf ≤ 100°C
5
kHz
Allowable Dead Time
tDEAD
Relates to Corresponding Input Signal for
3
——
µS
Blocking Arm Shoot-through (Tf ≤ 100°C)
Short Circuit Trip Level*
VSC(ref)
Tj = 25°C, VD = 15V*
0.45
0.5
0.55
Volts
Supply Circuit Under-voltage
UVDBt
Trip Level, Tj ≤ 125°C
10.0
12.0
Volts
UVDBr
Reset Level, Tj ≤ 125°C
10.5
12.5
Volts
UVDt
Trip Level, Tj ≤ 125°C
10.3
12.5
Volts
UVDr
Reset Level, Tj ≤ 125°C
10.8
13.0
Volts
Fault Output Pulse Width**
tFO
CFO = 22nF
1.0
1.8
mS
ON Threshold Voltage (H-side)
Vth(on)
Applied between UP, VP, WP-VNC
0.8
1.4
2.0
Volts
OFF Threshold Voltage (H-side)
Vth(off)
2.5
3.0
4.0
Volts
ON Threshold Voltage (L-side)
Vth(on)
Applied between UN, VN, WN-VNC
0.8
1.4
2.0
Volts
OFF Threshold Voltage (L-side)
Vth(off)
2.5
3.0
4.0
Volts
* Short Circuit protection operates only at the low-arms. Please select the value of the external shunt resistor such that the SC trip level is less than 5.1A.
**Fault signal is asserted when the low-arm short circuit or control supply under-voltage protective functions operate. The fault output pulse-width tFO depends on the capacitance value of
CFO according to the following approximate equation: CFO = (12.2 x 10-6) x tFO {F} .


同様の部品番号 - PS20341-G

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
PS20341-GP MITSUBISHI-PS20341-GP Datasheet
195Kb / 2P
   Generation DIP and Mini-DIP-IPM
More results

同様の説明 - PS20341-G

メーカー部品番号データシート部品情報
logo
Powerex Power Semicondu...
PS20351-G POWEREX-PS20351-G Datasheet
95Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 3 Amperes/500 Volts
PS21661-RZ POWEREX-PS21661-RZ Datasheet
78Kb / 6P
   Intellimod??Module Single-In-Line Intelligent Power Module (3 Amperes/600 Volts)
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21564 POWEREX-PS21564 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21867-P POWEREX-PS21867-P Datasheet
266Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
PS21255-E POWEREX-PS21255-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
PS21352-G POWEREX-PS21352-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21445-E POWEREX-PS21445-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (20 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com