データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA7259FG データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TA7259FG
部品情報  3-PHASE BRUSHLESS DC MOTOR DRIVER IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7259FG データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TA7259FG Datasheet HTML 2Page - Toshiba Semiconductor TA7259FG Datasheet HTML 3Page - Toshiba Semiconductor TA7259FG Datasheet HTML 4Page - Toshiba Semiconductor TA7259FG Datasheet HTML 5Page - Toshiba Semiconductor TA7259FG Datasheet HTML 6Page - Toshiba Semiconductor TA7259FG Datasheet HTML 7Page - Toshiba Semiconductor TA7259FG Datasheet HTML 8Page - Toshiba Semiconductor TA7259FG Datasheet HTML 9Page - Toshiba Semiconductor TA7259FG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TA7259P/F/FG
2006-4-14
6
Position sensing drive
Both constant current drive and constant voltage drive are available because the same-phase voltage range
of the position sensing device is wide. (Spec.: 2∼VCC−2.5V. When VCC is 12V, the range is 2 to 9.5V).
We recommend use of the TOSHIBA THS series of Ga-As position sensing devices.
In comparison with an In-Sb position sensor, the Ga−As sensor is mechanically stronger, has better
temperature characteristics, and is less prone to saturation by magnetism or current. However, its application
has been limited by its lower sensitivity when compared with the In-Sb type.
As for the TA7259, a Ga-As position sensor can be applied by improving the sensitivity of its input amp and
reducing the offset. When W/F characteristics are poor, increasing the position sensing input may be effective.
However, take care not to exceed the maximum permissible input.
(For details, refer to the technical documents of the Toshiba THS series of Ga-As position sensing devices.)
Position sensing drive (1)


同様の部品番号 - TA7259FG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA7259F TOSHIBA-TA7259F Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
More results

同様の説明 - TA7259FG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
   3-phase Brushless DC Motor Driver
March, 2014
logo
New Japan Radio
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
   Single-phase DC Brushless Motor Driver IC
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
   Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
   SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
NJU7367 NJRC-NJU7367 Datasheet
81Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7367A NJRC-NJU7367A Datasheet
85Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
   Single-phase DC Brushless Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com