データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PS21244-E データシート(PDF) 3 Page - Powerex Power Semiconductors

部品番号 PS21244-E
部品情報  Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWEREX [Powerex Power Semiconductors]
ホームページ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21244-E データシート(HTML) 3 Page - Powerex Power Semiconductors

  PS21244-E Datasheet HTML 1Page - Powerex Power Semiconductors PS21244-E Datasheet HTML 2Page - Powerex Power Semiconductors PS21244-E Datasheet HTML 3Page - Powerex Power Semiconductors PS21244-E Datasheet HTML 4Page - Powerex Power Semiconductors PS21244-E Datasheet HTML 5Page - Powerex Power Semiconductors PS21244-E Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS21244-E
Intellimod™ Module
Dual-In-Line Intelligent Power Module
15 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector Cutoff Current
ICES
VCE = VCES, Tj = 25°C
1.0
mA
VCE = VCES, Tj = 125°C—
10
mA
Diode Forward Voltage
VEC
Tj = 25°C, -IC = 15A, VCIN = 5V
2.5
3.4
Volts
Collector-Emitter Saturation Voltage
VCE(sat) IC = 15A, Tj = 25°C, VD = VDB = 15V, VCIN = 0V
1.55
2.15
Volts
IC = 15A, Tj = 125°C, VD = VDB = 15V, VCIN = 0V
1.65
2.25
Volts
Inductive Load Switching Times
ton
VCC = 300V, VD = 15V,
0.1
0.7
1.2
µS
trr
IC = 15A,
0.1
µS
tC(on)
Tj = 125°C,
0.4
0.8
µS
toff
Inductive Load (Upper-Lower Arm),
1.5
2.6
µS
tC(off)
VCIN = 5V(off), 0V(on)
0.9
1.8
µS
TC Measure Point
T
TC
TC
HEATSINK BOUNDARY
POWER TERMINALS
CONTROL TERMINALS


同様の部品番号 - PS21244-E

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
PS21244-EP MITSUBISHI-PS21244-EP Datasheet
195Kb / 2P
   Generation DIP and Mini-DIP-IPM
More results

同様の説明 - PS21244-E

メーカー部品番号データシート部品情報
logo
Powerex Power Semicondu...
PS21564 POWEREX-PS21564 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21964 POWEREX-PS21964 Datasheet
365Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 15 Amperes/600 Volts
PS21254-E POWEREX-PS21254-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21444-E POWEREX-PS21444-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21564-P POWEREX-PS21564-P Datasheet
317Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 15 Amperes/600 Volts
PS21454-E POWEREX-PS21454-E Datasheet
85Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21867-P POWEREX-PS21867-P Datasheet
266Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com