データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ESCA-5001 データシート(PDF) 3 Page - Astrodyne Corporation

部品番号 ESCA-5001
部品情報  5W Ultraminiature Encapsulated Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASTRODYNE [Astrodyne Corporation]
ホームページ  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCA-5001 データシート(HTML) 3 Page - Astrodyne Corporation

  ESCA-5001 Datasheet HTML 1Page - Astrodyne Corporation ESCA-5001 Datasheet HTML 2Page - Astrodyne Corporation ESCA-5001 Datasheet HTML 3Page - Astrodyne Corporation ESCA-5001 Datasheet HTML 4Page - Astrodyne Corporation ESCA-5001 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5W Ultraminiature Encapsulated Switching Power Supplies
E C A - 5 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264 VAC
Frequency Range
47-63 Hz
Inrush Current, typ:
20A@100V, 40A@200V Input *
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation (20%-FL)
Singles: +/- 3%, Duals: +/- 3%
Line Regulation
Singles +/- 0.1~1%, typ
Duals +/- 0.3~1%, typ
Cross Regulation (Duals)
2%
Preset Accuracy
1%
DC Voltage Adjust (typ)
+/- 10% of FS (Primary)
Temperature Coefficient
+/-0.03%/°C
Ripple/Noise
100mV Pk-Pk, typ
Over Voltage Protection
Clamp, 130-150% *
Over Temp. Protection
Latching, Cool and Repower
Short Circuit Protection
Continuous, self-recovering
Hold Up Time
20 mS, typ
GENERAL SPECIFICATIONS
Input-Out Isolation
3KVAC, (4KVAC Medical)
I/P-Ground
2500VAC
O/P-Ground
1000VAC
Efficiency
75%~78%, typ
Switching Frequency
100Khz, (fixed, typical)
PHYSICAL SPECIFICATIONS
Size
PCB Mount
2.28L” x 1.77W” x 0.83H”
Chassis Mount
3.77L” x 2.16W” x 1.0H”
Case Material
Rynite, 94V-0 Rated
Construction
Encapsulated. Soft Pot
Weight PCB / CHA
4 oz (112g) / 8.5 oz (238g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +70°C (See Derate)
Storage Temperature
-25 to +71°C *
Relative Humidity
0 to + 95%, non-cond *
EMC / EMI
FCC/A, VDE 0871/A , CISPRB
MTBF
(Mil Std 217, 25°C)
180,000 Hrs
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


同様の部品番号 - ESCA-5001

メーカー部品番号データシート部品情報
logo
Astrodyne Corporation
ESCA-5001 ASTRODYNE-ESCA-5001 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ESCA-5001DRL ASTRODYNE-ESCA-5001DRL Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
More results

同様の説明 - ESCA-5001

メーカー部品番号データシート部品情報
logo
Astrodyne Corporation
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
   5W Ultraminiature Modular Switching Power Supplies
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
   5W Ultraminiature Modular Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5 Datasheet
780Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5_16 Datasheet
444Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com