データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ESCA-1500 データシート(PDF) 5 Page - Astrodyne Corporation

部品番号 ESCA-1500
部品情報  15W Ultraminiature Encapsulated Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASTRODYNE [Astrodyne Corporation]
ホームページ  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCA-1500 データシート(HTML) 5 Page - Astrodyne Corporation

  ESCA-1500 Datasheet HTML 1Page - Astrodyne Corporation ESCA-1500 Datasheet HTML 2Page - Astrodyne Corporation ESCA-1500 Datasheet HTML 3Page - Astrodyne Corporation ESCA-1500 Datasheet HTML 4Page - Astrodyne Corporation ESCA-1500 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
15W Ultraminiature Encapsulated Switching Power Supplies
E C A - 1 5 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
Model
Type / Pin#
Single Dual
1
AC LO
AC LO
2
GND
GND
3
AC HI
AC HI
4
N/C
N/C
5
-Vout
-Vout
6
-Vout
Com
7
+Vout
Com
8
+Vout
+Vout
9
N/C
N/C
MECHANICAL DIMENSIONS - CHASSIS MOUNT
9
8
7
6
5
4
1
2
3
DIN Rail mounting kit available for Chassis-mount modules, specify part #
M-DRL-15. Kit includes mounting plate, DIN Rail cliip and assembly hardware.
0.350 [8.89]
0.100 [2.54]
MECHANICAL DIMENSIONS - DIN RAIL


同様の部品番号 - ESCA-1500

メーカー部品番号データシート部品情報
logo
Astrodyne Corporation
ESCA-0100 ASTRODYNE-ESCA-0100 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0100 ASTRODYNE-ESCA-0100 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0101 ASTRODYNE-ESCA-0101 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0101 ASTRODYNE-ESCA-0101 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0102 ASTRODYNE-ESCA-0102 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results

同様の説明 - ESCA-1500

メーカー部品番号データシート部品情報
logo
Astrodyne Corporation
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
List of Unclassifed Man...
MCA-15 ETC2-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
Astrodyne Corporation
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
   15W Medical Grade Ultraminiature Switching Power Supplies
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com