データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL222R018 データシート(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

部品番号 SL222R018
部品情報  Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMETHERM [AMETHERM Circuit Protection Thermistors]
ホームページ  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL222R018 データシート(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL222R018 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SL22 2R018
Ordering Different Lead Types:
For example: to order an inside kinked lead use part number SL22 2R018-
A
Electrical Specifications:
Mechanical Specifications:
UL File Number: #E209153
Revision Date: March 19, 2003
Inside Kinked Leads
Use
-A after Ametherm’s part #
Outside Kinked Leads
Use
-B after Ametherm’s part #
Resistance @ 25°C
2.0
Ω ± 20%
Max Steady State Current
18.0 A
Max Recommended Energy Rating (Joules)
90.0 J
Actual Failure Point of Instantaneous Energy (Joules)
200.0 J
Resistance @ 100% of Max Current
0.037
Resistance @ 50% of Max Current
0.092
Body Temperature @ 100% Current Rating
214 °C
Dissipation Constant
32.4mW/°C
Thermal Time Constant
94 seconds
Material Type
“C”
Junction of Lead and PC Board Temp @ 50
°C Ambient
when Mounted 3/4
″ from the Bottom of the Disc
74
°C
Max Recommended Capacitance @ 120/240/440 VAC
6000
µF/1500µF
/450
µF
D
20.0
± 1.0 mm
T
5.0
± 0.2 mm
Lead Diameter
1.0
± 0.1 mm
S
7.8
± 2.0 mm
L
38.0
± 9.0 mm
Straight Leads
Coating Run Down
5.0
± 1.0 mm
B
9.35
± 0.85 mm
C
3.82
± 1.0 mm
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T


同様の部品番号 - SL222R018

メーカー部品番号データシート部品情報
logo
AMETHERM Circuit Protec...
SL222R018 AMETHERM-SL222R018 Datasheet
34Kb / 2P
   Erin Landis
SL222R018 AMETHERM-SL222R018_14 Datasheet
34Kb / 2P
   Erin Landis
More results

同様の説明 - SL222R018

メーカー部品番号データシート部品情報
logo
AMETHERM Circuit Protec...
SL158R006 AMETHERM-SL158R006 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL224R014 AMETHERM-SL224R014 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL155R007 AMETHERM-SL155R007 Datasheet
34Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2250004 AMETHERM-SL2250004 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL225R012 AMETHERM-SL225R012 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2220007 AMETHERM-SL2220007 Datasheet
32Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2220007-17 AMETHERM-SL2220007-17 Datasheet
31Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2230004 AMETHERM-SL2230004 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2230005 AMETHERM-SL2230005 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2240005 AMETHERM-SL2240005 Datasheet
31Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL220R712 AMETHERM-SL220R712 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com