データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL0540001 データシート(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

部品番号 SL0540001
部品情報  Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMETHERM [AMETHERM Circuit Protection Thermistors]
ホームページ  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL0540001 データシート(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL0540001 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors SL0540001 Datasheet HTML 2Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SL05 40001
Ordering Different Lead Types:
For example: to order an inside kinked lead use part number SL05 40001
-A
Electrical Specifications:
Mechanical Specifications:
Revision Date: March 19, 2003
Inside Kinked Leads
Use
-A after Ametherm’s part #
Outside Kinked Leads
Not Available
Static Resistance @ 25°C
40.0
Ω ± 20%
Resistance @ 0°C/ Resistance @ 50°C
5.6
± 1%
Resistance @ 25°C/ Resistance @ 125°C
14.1
± 2%
Beta
3169
± 0.87%
Temp Coefficient of Resistance @ 25°C
-3.42%/°C
Max Steady State Current Up to 65°C
1.0 A
Resistance @ Max Steady State Current
1.27
Maximum Instantaneous Energy
3.0 J
Dissipation Constant
4.0mW/°C
Thermal Time Constant
20.0 Seconds
Operating Temperature Range
-50°C
± 150°C
Dynamic Resistance @ 25°C
25.0
Ω Min
Material Type
“G”
D
5.5
± 0.5 mm
T
2.7
± 0.4 mm
Lead Diameter
0.5 mm Nom
S
6.0 mm Nom
L
38.0 mm Min
Coating Material
FlameretardedSiliconeresin
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T


同様の部品番号 - SL0540001

メーカー部品番号データシート部品情報
logo
AMETHERM Circuit Protec...
SL0540002 AMETHERM-SL0540002 Datasheet
32Kb / 2P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
More results

同様の説明 - SL0540001

メーカー部品番号データシート部品情報
logo
AMETHERM Circuit Protec...
SL0860002 AMETHERM-SL0860002 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0880003 AMETHERM-SL0880003 Datasheet
45Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0510001 AMETHERM-SL0510001 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0520002 AMETHERM-SL0520002 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0525001 AMETHERM-SL0525001 Datasheet
32Kb / 2P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0810101-01 AMETHERM-SL0810101-01 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part #Outside Kinked Leads Not Available
SL0510003 AMETHERM-SL0510003 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0512101 AMETHERM-SL0512101 Datasheet
32Kb / 2P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0533101 AMETHERM-SL0533101 Datasheet
32Kb / 2P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0540002 AMETHERM-SL0540002 Datasheet
32Kb / 2P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0810003 AMETHERM-SL0810003 Datasheet
40Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com