データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL0860002 データシート(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

部品番号 SL0860002
部品情報  Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMETHERM [AMETHERM Circuit Protection Thermistors]
ホームページ  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL0860002 データシート(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL0860002 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SL08 60002
Ordering Different Lead Types:
For example: to order an inside kinked lead use part number SL08 60002
-A
Electrical Specifications:
Mechanical Specifications:
Current vs. Hot Resistance Table:
Current
Hot R /Body Temp
0.25 A
8.27
Ω, 63.2°C
0.50 A
3.73
Ω, 88°C
0.75 A
2.14
Ω, 103°C
1.00 A
1.00
Ω, 122°C
2.00 A
0.60
Ω, 149°C
CSA File #: CA 118061
Revision Date: March 19, 2003
Inside Kinked Leads
Use
-A after Ametherm’s part #
Outside Kinked Leads
Not Available
Resistance @ 25°C
60.0
Ω ± 20%
Max Steady State Current Up to 65°C
2.0 A
Max Recommended Energy Rating (Joules)
8.0 J
Actual Failure Point of Instantaneous Energy (Joules)
16.0 J
Body Temperature @ 100% Current Rating
149 °C
Dissipation Constant
5.2mW/°C
Thermal Time Constant
67 seconds
Material Type
“H”
Max Recommended Capacitance @ 120VAC/240VAC
900µF/225µF
Power Consumption @ Max Current
0.990 watts
D
8.0
± 0.3 mm
T
3.5
± 0.3 mm
Lead Diameter
0.5
± 0.1 mm
S
6.35
± 0.6 mm
L
9.90
± 0.90 mm
Marking
100 S
B
5.0
± 0.50 mm
C
2.82
± 0.5 mm
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T


同様の部品番号 - SL0860002

メーカー部品番号データシート部品情報
logo
Faraday Technology
SL0800A FARADAY-SL0800A Datasheet
41Kb / 3P
   GENERAL PURPOSE VIDEO FILTERS
SL0800J FARADAY-SL0800J Datasheet
43Kb / 3P
   GENERAL PURPOSE VIDEO FILTERS
SL0800JB FARADAY-SL0800JB Datasheet
35Kb / 2P
   8 MHZ BOXED LOWPASS FILTERS
logo
AMETHERM Circuit Protec...
SL0810001 AMETHERM-SL0810001 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0810002 AMETHERM-SL0810002 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
More results

同様の説明 - SL0860002

メーカー部品番号データシート部品情報
logo
AMETHERM Circuit Protec...
SL0880003 AMETHERM-SL0880003 Datasheet
45Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0510001 AMETHERM-SL0510001 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0520002 AMETHERM-SL0520002 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0525001 AMETHERM-SL0525001 Datasheet
32Kb / 2P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0810101-01 AMETHERM-SL0810101-01 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part #Outside Kinked Leads Not Available
SL0510003 AMETHERM-SL0510003 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0512101 AMETHERM-SL0512101 Datasheet
32Kb / 2P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0533101 AMETHERM-SL0533101 Datasheet
32Kb / 2P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0540002 AMETHERM-SL0540002 Datasheet
32Kb / 2P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0810003 AMETHERM-SL0810003 Datasheet
40Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com