データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7MAR2245FK データシート(PDF) 8 Page - Toshiba Semiconductor

部品番号 TC7MAR2245FK
部品情報  Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MAR2245FK データシート(HTML) 8 Page - Toshiba Semiconductor

Back Button TC7MAR2245FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 9Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TC7MAR2245FK
2007-10-19
8
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8 V
VIH
2.7 V
VCC
VCC
VM
1.5 V
VCC/2
VCC/2
VX
VOL + 0.3 V
VOL + 0.15 V
VOL + 0.15 V
VY
VOH 0.3 V
VOH 0.15 V
VOH 0.15 V
90%
10%
VOL
3.0 V or VCC
GND
VIH
VM
tpHZ
tpZH
tr 2.0 ns
tf 2.0 ns
VM
GND
VOH
Outputs
enabled
VM
tpLZ
tpZL
VY
Outputs
disabled
Outputs
enabled
Output Enable
Control ( OE )
Output (An, Bn)
Low to Off to Low
Output (An, Bn)
High to Off to High
VX
Figure 3 tpLZ, tpHZ, tpZL, tpZH


同様の部品番号 - TC7MAR2245FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
147Kb / 9P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
224Kb / 10P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK_07 Datasheet
224Kb / 10P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA157FK TOSHIBA-TC7MA157FK Datasheet
173Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC7MA157FK TOSHIBA-TC7MA157FK Datasheet
223Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
More results

同様の説明 - TC7MAR2245FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCXR2245FT TOSHIBA-TC74VCXR2245FT_07 Datasheet
260Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX541FT TOSHIBA-TC74VCX541FT_07 Datasheet
286Kb / 13P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX244FT TOSHIBA-TC74VCX244FT_07 Datasheet
263Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2541FT TOSHIBA-TC74VCX2541FT_07 Datasheet
272Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com