データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7MB3257FK データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC7MB3257FK
部品情報  Quad 1-of-2 Multiplexer/Demultiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MB3257FK データシート(HTML) 1 Page - Toshiba Semiconductor

  TC7MB3257FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MB3257FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MB3257FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MB3257FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MB3257FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MB3257FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MB3257FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7MB3257FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MB3257FK
Quad 1-of-2 Multiplexer/Demultiplexer
The TC7MB3257FK is high-speed CMOS quad 1-2
multiplexer/demultiplexer. The low on resistance of the switch
allows connections to be made with minimal propagation delay
time.
This device consists of four individual two-inputs
multiplexer/demultiplexer with common select input (S) and
output enable (OE). The A inputs is connected to the B1 or B2
outputs determined by the combination both the select input (S)
and output enable (OE). When the output enable (OE) input is
held “H” level, the switches are open with regardless the state of
select inputs and a high-impedance state exists between the
switches.
All inputs are equipped with protection circuits against static
discharge.
Features
Pin Assignment (top view)
• Operating voltage: VCC = 4.5~5.5 V
• High speed: tpd = 0.25 ns (max)
• Low on resistance: RON = 5 Ω (typ.)
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Compatible with TTL outputs (control inputs)
• Package: VSSOP (US16)
• Pin compatible with the 74xx257 type.
Functionally equivalent to (FST/CBT) 3257.
Weight: 0.02 g (typ.)
VCC
16
4B1
4B2
15
14
13
1
2
3
4
1A
1B1
1B2
4A
12
3B1
3B2
3A
11
10
9
2B1
5
6
7
8
GND
2B2
OE
S
2A


同様の部品番号 - TC7MB3257FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MB3257FK TOSHIBA-TC7MB3257FK Datasheet
105Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MB3257FK TOSHIBA-TC7MB3257FK Datasheet
127Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
More results

同様の説明 - TC7MB3257FK

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
CBT3257A PHILIPS-CBT3257A Datasheet
92Kb / 16P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
logo
Nexperia B.V. All right...
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
logo
Toshiba Semiconductor
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
logo
NXP Semiconductors
74CBTLV3257 PHILIPS-74CBTLV3257_15 Datasheet
174Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 4-16 December 2011
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
CBT3257 PHILIPS-CBT3257 Datasheet
102Kb / 11P
   Quad 1-of-2 multiplexer/demultiplexer
2002 Dec 13
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com