データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7MBL6353SFK データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TC7MBL6353SFK
部品情報  Low Voltage/Low Capacitance Dual 1-of-2 Multiplexer/Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBL6353SFK データシート(HTML) 4 Page - Toshiba Semiconductor

  TC7MBL6353SFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MBL6353SFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MBL6353SFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MBL6353SFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MBL6353SFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MBL6353SFK Datasheet HTML 6Page - Toshiba Semiconductor TC7MBL6353SFK Datasheet HTML 7Page - Toshiba Semiconductor TC7MBL6353SFK Datasheet HTML 8Page - Toshiba Semiconductor TC7MBL6353SFK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC7MBL6353SFT/FK/FTG
2007-10-19
4
Electrical Characteristics
DC Characteristics (Ta = −40~85°C)
Parameter
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Unit
“H” level
VIH
1.65~3.6
0.7
×
VCC
Input voltage
“L” level
VIL
1.65~3.6
0.3
×
VCC
V
Input leakage current (
OE , S)
IIN
VIN = 0~3.6V
1.65~3.6
±1.0
μA
Power-off leakage current
IOFF
OE
= 0~3.6 V
0
1.0
μA
Off-state leakage current
(switch off)
ISZ
A, B
= 0~VCC , OE = VCC
1.65~3.6
±1.0
μA
VIS = 0 V, IIS = 30 mA
(Note1)
3.0
9
13
VIS = 3.0 V, IIS = 30 mA
(Note1)
3.0
15
20
VIS = 2.4 V, IIS = 15 mA
(Note1)
3.0
19
27
VIS = 0 V, IIS = 24 mA
(Note1)
2.3
10
16
VIS = 2.3 V, IIS = 24 mA
(Note1)
2.3
17
24
On resistance
(Note2)
RON
VIS = 2.0 V, IIS = 15 mA
(Note1)
2.3
21
30
Ω
Increase in ICC per input
ICC
VIN = VCC or GND, IOUT = 0
3.6
10
μA
Note1: All typical values are at Ta=25
°C.
Note2: Measured by the voltage drop between A and B pins at the indicated current through the switch.
On resistance is determined by the lower of the voltages on the two (A or B) pins.
AC Characteristics (Ta = −40~85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
3.3
± 0.3
6
2.5
± 0.2
7
Propagation delay time
(S to bus)
tpLH
tpHL
Figure 1, Figure 2
1.8
± 0.15
11
ns
3.3
± 0.3
6
2.5
± 0.2
7
Output enable time
( OE to bus)
tpZL
tpZH
Figure 1, Figure 3
1.8
± 0.15
11
ns
3.3
± 0.3
6
2.5
± 0.2
7
Output enable time
(S to bus)
tpZL
tpZH
Figure 1, Figure 3
1.8
± 0.15
11
ns
3.3
± 0.3
6
2.5
± 0.2
7
Output disable time
( OE to bus)
tpLZ
tpHZ
Figure 1, Figure 3
1.8
± 0.15
11
ns
3.3
± 0.3
6
2.5
± 0.2
7
Output disable time
(S to bus)
tpLZ
tpHZ
Figure 1, Figure 3
1.8
± 0.15
11
ns


同様の部品番号 - TC7MBL6353SFK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MBL6353SFK TOSHIBA-TC7MBL6353SFK Datasheet
255Kb / 11P
   Low Voltage/Low Capacitance Dual 1-of-2 Multiplexer/Demultiplexer
More results

同様の説明 - TC7MBL6353SFK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MBL6353SFT TOSHIBA-TC7MBL6353SFT_08 Datasheet
255Kb / 11P
   Low Voltage/Low Capacitance Dual 1-of-2 Multiplexer/Demultiplexer
TC7MB3257CFT TOSHIBA-TC7MB3257CFT Datasheet
268Kb / 11P
   Low Capacitance Quad 1-of-2 Multiplexer/Demultiplexer
2014-03-01
logo
Integrated Device Techn...
IDT74CBTLV3253 IDT-IDT74CBTLV3253 Datasheet
148Kb / 5P
   LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
IDT74CBTLV3253 IDT-IDT74CBTLV3253_14 Datasheet
104Kb / 5P
   LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
logo
Renesas Technology Corp
74CBTLV3253 RENESAS-74CBTLV3253 Datasheet
276Kb / 6P
   LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
MAY 2019
logo
Texas Instruments
SN74CBTLV3253 TI-SN74CBTLV3253_08 Datasheet
732Kb / 17P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3253 TI-SN74CBTLV3253 Datasheet
84Kb / 6P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV16235 TI-SN74CBTLV16235 Datasheet
139Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 18-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257 TI-SN74CBTLV3257_10 Datasheet
793Kb / 20P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
74CBTLV16292DLG4 TI1-74CBTLV16292DLG4 Datasheet
516Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com