データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7MET374AFK データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TC7MET374AFK
部品情報  Octal D-Type Flip-Flop with 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MET374AFK データシート(HTML) 5 Page - Toshiba Semiconductor

  TC7MET374AFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MET374AFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MET374AFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MET374AFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MET374AFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MET374AFK Datasheet HTML 6Page - Toshiba Semiconductor TC7MET374AFK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TC7MET374AFK
2007-10-19
5
AC Electrical Characteristics (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
4.1
9.4
1.0
10.5
Propagation delay time
(CK-Q)
tpLH
tpHL
5.0
± 0.5
50
5.6
10.4
1.0
11.5
ns
15
6.5
10.2
1.0
11.5
3-state output enable time
tpZL
tpZH
RL = 1 kΩ
5.0
± 0.5
50
7.3
11.2
1.0
12.5
ns
15
7.0
11.2
1.0
12.0
3-state output disable time
tpLZ
tpHZ
fmax
RL = 1 kΩ
5.0
± 0.5
50
90
140
80
ns
Maximum clock frequency
fmax
5.0
± 0.5
50
85
130
75
MHz
Output to output skew
tosLH
tosHL
(Note 1) 5.0
± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
4
10
10
pF
Output capacitance
COUT
9
pF
Power dissipation
capacitance
CPD
(Note 2)
25
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per F/F)
And the total CPD when n pcs. of latch operate can be gained by the following equation:
CPD (total) = 14 + 11・n
Noise Characteristics (Input: tr = tf = 3 ns)
Ta
= 25°C
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
1.1
1.5
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
5.0
1.1
1.5
V
Minimum high level dynamic input voltage VIH
VIHD
CL = 50 pF
5.0
2.0
V
Maximum low level dynamic input voltage VIL
VILD
CL = 50 pF
5.0
0.8
V


同様の部品番号 - TC7MET374AFK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
More results

同様の説明 - TC7MET374AFK

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
REV 0
MC74VHCT374A ONSEMI-MC74VHCT374A_14 Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com