データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7MET574AFK データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC7MET574AFK
部品情報  Octal D-Type Flip-Flop with 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MET574AFK データシート(HTML) 1 Page - Toshiba Semiconductor

  TC7MET574AFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MET574AFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MET574AFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MET574AFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MET574AFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MET574AFK Datasheet HTML 6Page - Toshiba Semiconductor TC7MET574AFK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7MET574AFK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MET574AFK
Octal D-Type Flip-Flop with 3-State Output
The TC7MET574AFK is an advanced high speed CMOS octal
flip-flop with 3-state output fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
bipolar schottky TTL while maintaining the CMOS low power
dissipation.
This 8-bit D-type flip-flop is controlled by a clock input (CK)
and a output enable input (OE).
When the OE input is high, the eight outputs are in a high
impedance state.
The input voltage are compatible with TTL output voltage.
This device may be used as a level converter for interfacing 3.3
V to 5 V system.
Input protection and output circuit ensure that 0 to 5.5 V can
be applied to the input and output (Note) pins without regard to the supply voltage. These structure prevents device
destruction due to mismatched supply and input/output voltages such as battery back up, hot board insertion, etc.
Note: VCC = 0 V
Features
• High speed: fmax = 140 MHz (typ.) (VCC = 5 V)
• Low power dissipation: ICC = 4 μA (max) (Ta = 25°C)
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Power down protection is provided on all inputs and outputs.
• Balanced propagation delays: tpLH ≈ tpHL
• Low noise: VOLP = 1.5 V (max)
• Pin and function compatible with the 74 series (74AC/HC/F/ALS/LS etc.) 574 type.
Weight: 0.03 g (typ.)


同様の部品番号 - TC7MET574AFK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MET574AFK TOSHIBA-TC7MET574AFK Datasheet
221Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
More results

同様の説明 - TC7MET574AFK

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
REV 0
MC74VHCT374A ONSEMI-MC74VHCT374A_14 Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com